Moteur de recherche de fiches techniques de composants électroniques |
|
MC-45V16AD641EF-A10 Fiches technique(PDF) 7 Page - NEC |
|
MC-45V16AD641EF-A10 Fiches technique(HTML) 7 Page - NEC |
7 / 6 page Data Sheet M13823EJ6V0DS00 7 MC-45V16AD641 AC Characteristics (Recommended Operating Conditions unless otherwise noted) Test Conditions • AC measurements assume tT = 1 ns. • Reference level for measuring timing of input signals is 1.4 V. Transition times are measured between VIH and VIL. • If tT is longer than 1 ns, reference level for measuring timing of input signals is VIH (MIN.) and VIL (MAX.). • An access time is measured at 1.4 V. tCK tS tH tDS Valid Valid Valid Valid Valid tAC Hi-Z Hi-Z tAC tLZ tOH tHZ tDH tDS tDH tCH tCH tCL CLK (Input) Command Address DQM Data (Input) Data (Output) CKE tCKS tCKH tCK tCL |
Numéro de pièce similaire - MC-45V16AD641EF-A10 |
|
Description similaire - MC-45V16AD641EF-A10 |