Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFSW168236-100 Fiches technique(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

No de pièce LFSW168236-100
Description  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Site Internet  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

LFSW168236-100 Fiches technique(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  LFSW168236-100 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION LFSW168236-100 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION LFSW168236-100 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION LFSW168236-100 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION LFSW168236-100 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION LFSW168236-100 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION LFSW168236-100 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: LFSW168236-100
1680 - 2360 MHz
OPTIMIZED BANDWIDTH
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
[ 2 of 7 ]
HARMONIC SUPPRESSION
Ref 12 dBm
Att 40 dB
CLRWR
A
SGL
1 AP
1.105 GHz/
Start 1.25 GHz
Stop 12.3 GHz
*
3DB
RBW 300 kHz
*VBW 20 kHz
SWT 1.5 s
-80
-70
-60
-50
-40
-30
-20
-10
0
101
Marker 1 [T1 ]
8.28 dBm
1.675000000 GHz
2
Delta 2 [T1 ]
-33.23 dB
3.364583333 GHz
3
Delta 3 [T1 ]
-53.10 dB
10.093750000 GHz
4
Delta 4 [T1 ]
-54.72 dB
6.729166667 GHz
1
Delta 1 [T1 ]
-16.07 dB
1.682291667 GHz
Date: 9.OCT.2008 10:33:24
REFERENCE SIDEBAND SUPPRESSION
Ref 12 dBm
Att 40 dB
1 AP
CLRWR
A
SGL
300 kHz/
Center 1.68 GHz
Span 3 MHz
*
*
3DB
RBW 500 Hz
VBW 1 kHz
SWT 12 s
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
8.11 dBm
1.680000000 GHz
2
Delta 2 [T1 ]
-80.10 dB
115.384615385 kHz
3
Delta 3 [T1 ]
-84.77 dB
-1.000000000 MHz
4
Delta 4 [T1 ]
-80.48 dB
1.264423077 MHz
1
Delta 1 [T1 ]
-88.91 dB
1.000000000 MHz
Date: 9.OCT.2008 10:32:15


Numéro de pièce similaire - LFSW168236-100

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
LFSW100230-50 SYNERGY-LFSW100230-50 Datasheet
622Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW110250-100 SYNERGY-LFSW110250-100 Datasheet
874Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW110250-50 SYNERGY-LFSW110250-50 Datasheet
738Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW120205-100 SYNERGY-LFSW120205-100 Datasheet
646Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Description similaire - LFSW168236-100

FabricantNo de pièceFiches techniqueDescription
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com