Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74166 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 74166
Description  Phillips Bits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

74166 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  74166 Datasheet HTML 1Page - List of Unclassifed Manufacturers 74166 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wihatools.com
Wiha Quality Tools
Germany
189
Phillips Double End Bits.
1/4” Hex Drive, Length 2.36”/60mm
Item
No.
Size Size mm pkg. lbs.
714 04 1 x
1
60
10
.31
714 14 2 x
2
60
10
.31
714 24 3 x
3
60
10
.32
714
741
Phillips Power Bits
1/4” Hex Drive, Length 4.33”/110mm
Item
No.
Size
mm
pkg. lbs.
741 11
1
110
10
.40
741 21
2
110
10
.56
741 31
3
110
10
.65
741
741
Phillips Power Bits
1/4” Hex Drive, 127mm/5”
Item
No.
Size mm
pkg.
lbs.
741 13
1
127
1
.04
741 23
2
127
1
.06
741 33
3
127
1
.07
741
Phillips Power Bits
1/4” Hex Drive, 150mm/5.9”
Item
No.
Size mm
pkg.
lbs.
741 16
1
150
1
.05
741 26
2
150
1
.07
741 36
3
150
1
.09
741
741
Phillips Power Bit Packs, 2
CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
741 50
Set includes the following bits:
Phillips Sizes:
wt. .09
1, 2, 3 x 2” (50mm)
741 50
743
Slotted and Phillips Double End Bits
1/4” Hex Drive, Length 2.36”/60mm
Item
No.
mm Size
mm pkg. lbs.
743 03
4.5 x 1
60
10
.22
743 06
5.5 x 2
60
10
.30
743 09
7.0 x 3
60
10
.30
Wiha Phillips Insert Bits and Power Bits
Phillips Long Insert Bits
Packs, 2
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
2 Bit Pack
711 65
1
50
.06
711 66
2
50
.06
711 67
3
50
.06
711
Phillips Power Bit Packs, 2
CVM S2 modified tool steel.
Item
No.
Size mm lbs. 2 Bit Pack
741 64
1
50
.06
741 65
2
50
.06
741 66
3
50
.06
741
Slotted/Phillips Double End
Power Bit Packs, 60mm OAL
Item
No.
mm Size
mm
lbs.
2 Bit Pack
743 04
4.5 + 1
60
.07
743 08
5.5 + 2
60
.07
743 10
7.0 + 3
60
.07
743
Phillips Double End
Power Bit Packs, 60mm OAL
Item
No.
Size Size
mm lbs. 2 Bit Pack
714 64
1 + 1
60
.07
714 65
2 + 2
60
.07
714 66
3 + 3
60
.07
714
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
Phillips Power Bits. 1/4” Hex Drive,
Length 2.0”/50mm
Item
No.
Size mm
pkg.
lbs.
741 03
150
10
.24
741 12
250
10
.25
741 24
350
10
.26
Phillips Power Bits. 1/4” Hex Drive,
Length 2.75”/70mm
Item
No.
Size mm
pkg. lbs.
741 06
1
70
10
.29
741 15
2
70
10
.37
741 27
3
70
10
.41
Phillips Power Bits. 1/4” Hex Drive,
Length 3.5”/90mm
Item
No.
Size mm pkg.
lbs.
741 09
1
90
10
.34
741 18
2
90
10
.47
741 30
3
90
10
.53
PREVIOUS
NEXT


Numéro de pièce similaire - 74166

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
7416 TI1-7416 Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
logo
Bourns Electronic Solut...
7416-RC BOURNS-7416-RC Datasheet
89Kb / 1P
   Common Mode Inductors/EMI Filters
logo
Texas Instruments
74160 TI-74160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
74161 TI-74161 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
List of Unclassifed Man...
74161 ETC2-74161 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
More results

Description similaire - 74166

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
ASD-BIT-KS1X50 PHOENIX-ASD-BIT-KS1X50 Datasheet
48Kb / 2P
   Tool bits for Phillips screws
ASD-BIT-KS-2X90 PHOENIX-ASD-BIT-KS-2X90 Datasheet
46Kb / 2P
   Tool bits for Phillips screws
ASD-BIT-KS2X50 PHOENIX-ASD-BIT-KS2X50 Datasheet
47Kb / 2P
   Tool bits for Phillips screws
SF-PH-1-80-S-VDE PHOENIX-SF-PH-1-80-S-VDE Datasheet
60Kb / 2P
   Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZSL-2-100-S-VDE PHOENIX-SF-PZSL-2-100-S-VDE Datasheet
54Kb / 3P
   Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
   Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
   Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-0-60 PHOENIX-SF-PH-0-60 Datasheet
49Kb / 3P
   Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SZG-0 PHOENIX-SZG-0 Datasheet
80Kb / 4P
   Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PHSL-1-80-S-VDE PHOENIX-SF-PHSL-1-80-S-VDE Datasheet
54Kb / 3P
   Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com