Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-45V16AD641EF-A75 Fiches technique(PDF) 6 Page - NEC

No de pièce MC-45V16AD641EF-A75
Description  16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

MC-45V16AD641EF-A75 Fiches technique(HTML) 6 Page - NEC

  MC-45V16AD641EF-A75 Datasheet HTML 1Page - NEC MC-45V16AD641EF-A75 Datasheet HTML 2Page - NEC MC-45V16AD641EF-A75 Datasheet HTML 3Page - NEC MC-45V16AD641EF-A75 Datasheet HTML 4Page - NEC MC-45V16AD641EF-A75 Datasheet HTML 5Page - NEC MC-45V16AD641EF-A75 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Data Sheet M13823EJ6V0DS00
6
MC-45V16AD641
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
Grade
MIN.
MAX.
Unit
Notes
Operating current (Prefetch
ICC1PtRC
≥ tRC (MIN.)
-A75
880
mA
1
mode at one bank active)
Prefetch is executed one time during tRC.
-A10
840
Operating current (Restore
ICC1RtRC
≥ tRC (MIN.)
-A75
880
mA
1
mode at one bank active)
-A10
840
Precharge standby current
ICC2P
CKE
≤ VIL (MAX.), tCK = 15 ns
16
mA
in power down mode
ICC2PS
CKE
≤ VIL (MAX.), tCK = ∞
8
Precharge standby current
in non power down mode
ICC2NCKE
≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.),
Input signals are changed one time during 30 ns.
400
mA
ICC2NS
CKE
≥ VIH (MIN.), tCK = ∞ , Input signals are stable.
128
Active standby current in
ICC3P
CKE
≤ VIL (MAX.), tCK = 15 ns
80
mA
power down mode
ICC3PS
CKE
≤ VIL (MAX.), tCK = ∞
64
Active standby current in
ICC3NCKE
≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.),
400
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS
CKE
≥ VIH (MIN.), tCK = ∞, Input signals are stable.
160
Operating current
ICC4
tCK
≥ tCK (MIN.), IO = 0 mA
-A75
720
mA
2
(Burst mode)
Background : precharge standby
-A10
600
Auto refresh current
ICC5
tRC
≥ tRC (MIN.)
-A75
1,280
mA
3
-A10
1,120
Self refresh current
ICC6
CKE
≤ 0.2 V-A75
16
mA
-A10
16
Input leakage current
II (L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
–16
+16
µA
Input leakage current (CKE1)
–500
+500
µA
Output leakage current
IO (L)
DOUT is disabled, VO = 0 to 3.6 V
–1.5
+1.5
µA
High level output voltage
VOH
IO = – 4.0 mA
2.4
V
Low level output voltage
VOL
IO = + 4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2.ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).
5
5
5
5
5


Numéro de pièce similaire - MC-45V16AD641EF-A75

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-45V16AD642KS ELPIDA-MC-45V16AD642KS Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
MC-45V16AD642KS-A75 ELPIDA-MC-45V16AD642KS-A75 Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
More results

Description similaire - MC-45V16AD641EF-A75

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
   8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com