Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HCT138M96 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HCT138M96
Description  High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT138M96 Fiches technique(HTML) 3 Page - Texas Instruments

  CD74HCT138M96 Datasheet HTML 1Page - Texas Instruments CD74HCT138M96 Datasheet HTML 2Page - Texas Instruments CD74HCT138M96 Datasheet HTML 3Page - Texas Instruments CD74HCT138M96 Datasheet HTML 4Page - Texas Instruments CD74HCT138M96 Datasheet HTML 5Page - Texas Instruments CD74HCT138M96 Datasheet HTML 6Page - Texas Instruments CD74HCT138M96 Datasheet HTML 7Page - Texas Instruments CD74HCT138M96 Datasheet HTML 8Page - Texas Instruments CD74HCT138M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC or IGND . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
Package Thermal Impedance,
θJA (see Note 1):
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67oC/W
M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73oC/W
NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64oC/W
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . 108oC/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating, and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
2
1.9
-
-
1.9
-
1.9
-
V
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
-0.02
6
5.9
-
-
5.9
-
5.9
-
V
High Level Output
Voltage
TTL Loads
-
-
---
-
-
-
-
V
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
0.02
6
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
-
-
---
-
-
-
-
V
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
CD54/74HC138, CD54/74HCT138, CD54/74HC238, CD54/74HCT238


Numéro de pièce similaire - CD74HCT138M96

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HCT138M96 TI-CD74HCT138M96 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M96 TI-CD74HCT138M96 Datasheet
407Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M96 TI-CD74HCT138M96 Datasheet
360Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M96E4 TI-CD74HCT138M96E4 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HCT138M96E4 TI-CD74HCT138M96E4 Datasheet
407Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
More results

Description similaire - CD74HCT138M96

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC138 TI-CD54HC138_08 Datasheet
360Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138_07 Datasheet
407Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138-Q1 TI1-CD74HC138-Q1 Datasheet
203Kb / 9P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
CD74HC138 TI-CD74HC138 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com