Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2225 Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce 2SK2225
Description  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2225 Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  2SK2225 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2225 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2225 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2225 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2225 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2225 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2225 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2225 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2225 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK2225
4
50
40
30
20
10
0
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
4
8
12
16
20
2 A
1 A
I
= 3 A
D
0.5 A
Pulse Test
Drain Current
I
(A)
D
Static Drain to Source State Resistance
vs. Drain Current
0.1
50
20
10
2
5
1
0.5
0.2
0.5
1
2
5
10
V
= 10 V
GS
15 V
Pulse Test
20
16
12
8
4
–40
0
40
80
120
160
Case Temperature
Tc
(°C)
0
Static Drain to Source on State Resistance
vs. Temperature
0.5 A, 1 A
I
= 2 A
D
GS
V
= 15 V
Pulse Test
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
10
2
5
1
0.2
0.5
0.1
0.05
0.1
0.2
0.5
1
2
5
Tc = –25 °C
25 °C
75 °C
DS
V
= 25 V
Pulse Test


Numéro de pièce similaire - 2SK2225

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK2225 RENESAS-2SK2225 Datasheet
81Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK2225 ISC-2SK2225 Datasheet
315Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2225 RENESAS-2SK2225 Datasheet
260Kb / 7P
   1500V - 2A - MOS FET High Speed Power Switching
2SK2225-80-E RENESAS-2SK2225-80-E Datasheet
190Kb / 7P
   High Speed Power Switching
2SK2225-80-E RENESAS-2SK2225-80-E_16 Datasheet
359Kb / 7P
   1500V - 2A - MOS FET
More results

Description similaire - 2SK2225

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com