Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB61F2A Fiches technique(PDF) 3 Page - Cooper Bussmann, Inc.

No de pièce CB61F2A
Description  Fast-Acting SMD Brick??Fuses CB61F Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CB61F2A Fiches technique(HTML) 3 Page - Cooper Bussmann, Inc.

  CB61F2A Datasheet HTML 1Page - Cooper Bussmann, Inc. CB61F2A Datasheet HTML 2Page - Cooper Bussmann, Inc. CB61F2A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2012 Cooper Bussmann
www.cooperbussmann.com
0112
BU-SB111447
Page 3 of 3
Data Sheet 4377
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
Packaging Code
Packaging Code Suffix
Description
-TR1
1000 Fuses in Tape and Reel on 7 inch (178mm) diameter reel
-TR2
5000 Fuses in Tape and Reel on 13 inch (330mm) diameter reel
Recommended Pad Layout
Soldering Characteristics
Wave Immersion
• Reservoir Temperature: 260° C
• Time in Reservoir : 10 Seconds Maximum
Infrared Reflow
• Temperature: 260° C
• Time: 30 Seconds Maximum
Hand Soldering
• Maximum tip temperature: 350°C
• Maximum soldering time: 5 seconds max
Recommend Reflow Profile


Numéro de pièce similaire - CB61F2A

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick Fuses CB61F Series
logo
Eaton All Rights Reserv...
CB61F2A EATON-CB61F2A Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
More results

Description similaire - CB61F2A

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
CB61F10A-TR1 COOPER-CB61F10A-TR1 Datasheet
387Kb / 3P
   Fast-Acting SMD Brick Fuses CB61F Series
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses
1025FA250-R COOPER-1025FA250-R Datasheet
315Kb / 2P
   Brick??Fuses 1025FA Series, Fast-Acting
logo
Eaton All Rights Reserv...
CB61F EATON-CB61F Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
   Fast Acting SMD Fuses
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
   Fast Acting Precision SMD Fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Bourns Electronic Solut...
SF-3812F-T BOURNS-SF-3812F-T Datasheet
264Kb / 6P
   SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com