Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ551L Fiches technique(PDF) 1 Page - Hitachi Semiconductor

No de pièce 2SJ551L
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ551L Fiches technique(HTML) 1 Page - Hitachi Semiconductor

  2SJ551L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ551L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ551L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ551L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ551L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ551L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ551L Datasheet HTML 7Page - Hitachi Semiconductor 2SJ551L Datasheet HTML 8Page - Hitachi Semiconductor 2SJ551L Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SJ551(L),2SJ551(S)
Silicon P Channel MOS FET
High Speed Power Switching
ADE-208-647B (Z)
3rd. Edition
Jun 1998
Features
• Low on-resistance
R
DS(on) = 0.050Ω typ.
• Low drive current.
• 4V gate drive devices.
• High speed switching.
Outline
1. Gate
2. Drain
3. Source
4. Drain
1
2
3
4
1
2
3
4
LDPAK
D
G
S


Numéro de pièce similaire - 2SJ551L

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ551L RENESAS-2SJ551L Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551L-E RENESAS-2SJ551L-E Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results

Description similaire - 2SJ551L

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com