Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ529L Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce 2SJ529L
Description  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ529L Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  2SJ529L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ529L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ529L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ529L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ529L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ529L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ529L Datasheet HTML 7Page - Hitachi Semiconductor 2SJ529L Datasheet HTML 8Page - Hitachi Semiconductor 2SJ529L Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SJ529(L),2SJ529(S)
3
Main Characteristics
40
30
20
10
0
50
100
150
200
–10
–8
–6
–4
–2
0
–2
–4
–6
–8
–10
–5 V
–4 V
0
–1–2–3
–4
–5
–10 V
–3.5 V
–3 V
–10
–8
–6
–4
–2
–2.5 V
–25
°C
25
°C
Tc = 75
°C
V
= –2 V
GS
DS
Pulse Test
V
= –10 V
–0.1 –0.3
–1
–3
–10
–30
–100
–100
–20
–10
–2
–1
–0.2
–0.1
Ta = 25
°C
100
µ
s
10
µ
s
–0.5
–5
–50
PW
=
10
ms
(1
shot)
DC
Operation
(Tc=25
°C)
Pulse Test
Case Temperature
Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Operation in
this area is
limited by R DS(on)


Numéro de pièce similaire - 2SJ529L

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ529L RENESAS-2SJ529L Datasheet
94Kb / 9P
   Silicon P Channel MOS FET
logo
VBsemi Electronics Co.,...
2SJ529L VBSEMI-2SJ529L Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ529L-E RENESAS-2SJ529L-E Datasheet
94Kb / 9P
   Silicon P Channel MOS FET
More results

Description similaire - 2SJ529L

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com