Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1005SRG Fiches technique(PDF) 2 Page - Stanson Technology

No de pièce ST1005SRG
Description  P Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1005SRG Fiches technique(HTML) 2 Page - Stanson Technology

  ST1005SRG Datasheet HTML 1Page - Stanson Technology ST1005SRG Datasheet HTML 2Page - Stanson Technology ST1005SRG Datasheet HTML 3Page - Stanson Technology ST1005SRG Datasheet HTML 4Page - Stanson Technology ST1005SRG Datasheet HTML 5Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ST1005SRG
P Channel Enhancement Mode MOSFET
-0.8A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST1005SRG 2013. Rev.1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±
20
V
Continuous Drain CurrentTJ=150℃)
TA=25℃
TA=70℃
ID
-0.8
-0.4
A
Pulsed Drain Current
IDM
-4
A
Continuous Source Current (Diode Conduction)
IS
-1.0
A
Power Dissipation
TA=25℃
TA=70℃
PD
1.25
0.8
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
85
/W


Numéro de pièce similaire - ST1005SRG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST100 STMICROELECTRONICS-ST100 Datasheet
26Kb / 3P
   ST100 DSP CORES
logo
RFbeam Microwave GmbH
ST100 RFBEAM-ST100 Datasheet
662Kb / 2P
   ST100 Starterkit
logo
Vishay Siliconix
ST100-125T3MI VISHAY-ST100-125T3MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST100-30TMI VISHAY-ST100-30TMI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Solid States Devices, I...
ST1000 SSDI-ST1000 Datasheet
114Kb / 2P
   Transient Voltage Suppressor
More results

Description similaire - ST1005SRG

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com