Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ361 Fiches technique(PDF) 1 Page - Hitachi Semiconductor

No de pièce 2SJ361
Description  Silicon P-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ361 Fiches technique(HTML) 1 Page - Hitachi Semiconductor

  2SJ361 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ361 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SJ361
Silicon P-Channel MOS FET
Application
High speed power switching
Features
• Low on-resistance
• High speed switching
• Low drive current
• 2.5 V gate drive device can be driven from 3 V source
Outline
4
3
2
1
UPAK
1. Gate
2. Drain
3. Source
4. Drain
S
D
G


Numéro de pièce similaire - 2SJ361

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SJ360 TOSHIBA-2SJ360 Datasheet
278Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ360 TOSHIBA-2SJ360 Datasheet
748Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
logo
Guangdong Kexin Industr...
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
   MOS Field Effect Transistors
logo
Toshiba Semiconductor
2SJ360 TOSHIBA-2SJ360 Datasheet
211Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ360 TOSHIBA-2SJ360 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Description similaire - 2SJ361

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com