Moteur de recherche de fiches techniques de composants électroniques |
|
MC-4516CB64ES-A10B Fiches technique(PDF) 9 Page - NEC |
|
MC-4516CB64ES-A10B Fiches technique(HTML) 9 Page - NEC |
9 / 6 page Data Sheet M13611EJ5V0DS00 9 MC-4516CB64ES, 4516CB64PS Asynchronous Characteristics Parameter Symbol -A10B Unit Note MIN. MAX. REF to REF/ACT command period (Operation) tRC 90 ns REF to REF/ACT command period (Refresh) tRC1 90 ns ACT to PRE command period tRAS 60 120,000 ns PRE to ACT command period tRP 30 ns Delay time ACT to READ/WRITE command tRCD 30 ns ACT (0) to ACT (1) command period tRRD 20 ns Data-in to PRE command period tDPL 10 ns Data-in to ACT (REF) command /CAS latency = 3 tDAL3 1CLK+30 ns period (Auto precharge) /CAS latency = 2 tDAL2 1CLK+30 ns Mode register set cycle time tRSC 2CLK Transition time tT 130 ns Refresh time (4,096 refresh cycles) tREF 64 ms |
Numéro de pièce similaire - MC-4516CB64ES-A10B |
|
Description similaire - MC-4516CB64ES-A10B |