Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML22Q374 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce ML22Q374
Description  ADPCM Speech Synthesis LSI
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q374 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML22Q374 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q374 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
FEDL22Q374-02
ML22Q374
6/35
ABSOLUTE MAXIMUM RATINGS
(DGND = SPGND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
DVDD
−0.3 to +7.0
V
Speaker power supply
voltage
SPVDD
−0.3 to +7.0
V
Internal logic power
supply voltage
VDDL
−0.3 to +3.6
V
Flash power supply
voltage
VPP
−0.3 to +9.5
V
Input voltage
VIN
−0.3 to DV
DD+0.3
V
Power dissipation
PD
Ta=25°C
1
W
ISC1
except SPP pin, SPM pin
-12 to +11
mA
Output short-circuit
current
ISC2
SPP pin, SPM pin
300
mA
Storage temperature
TSTG
−55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(DGND = SPGND = 0 V)
Parameter
Symbol
Condition
Range
Unit
2.0 to 5.5
Power supply voltage
DVDD
Flash memory write
2.7 to 5.5
V
Speaker power supply
voltage
SPVDD
2.0 to 5.5
V
Flash power supply
voltage
VPP
Flash memory write
7.7 to 8.3
V
Flash memory rewrite
cycles
N
80
TOP1
−40 to +85
Operating temperature
TOP2
Flash memory write
0 to +40
°C


Numéro de pièce similaire - ML22Q374

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
More results

Description similaire - ML22Q374

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
FEDL22340-02 ETC2-FEDL22340-02 Datasheet
1Mb / 37P
   ADPCM Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com