Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ221 Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce 2SJ221
Description  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ221 Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  2SJ221 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ221 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ221 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ221 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ221 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ221 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ221 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ221 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ221
4
–10
–8
–20
Gate to Source Voltage VGS (V)
–8
–2
–4
–12
–16
0
–4
–6
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
–20 A
–10 A
ID = –5 A
Pulse Test
5
–100
Drain Current ID (A)
–0.1
Static Drain to Source on State
Resistance vs. Drain Current
3
1
0.3
0.1
0.03
0.01
0.005
–0.3
–1
–3
–10
–30
Pulse Test
VGS = –4 V
–10 V
1.0
40
160
Case Temperature TC (°C)
0.8
0.2
0
80
120
0
0.4
0.6
Static Drain to Source on State
Resistance vs. Case Temperature
–40
ID = –20 A
–5, –10 A
VGS = –4 V
VGS = –10 V –5, –10 A
–20 A
Pulse Test
100
–100
Drain Current ID (A)
Forward Transfer Admittance
vs. Drain Current
–0.1
30
10
3
1
0.3
0.5
–0.3
–1
–3
–10
–30
VDS = –10 V
Pulse Test
–25°C
75°C
TC = 25°C


Numéro de pièce similaire - 2SJ221

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ221 RENESAS-2SJ221 Datasheet
81Kb / 7P
   Silicon P Channel MOS FET
logo
Inchange Semiconductor ...
2SJ221 ISC-2SJ221 Datasheet
64Kb / 2P
   High Speed Switching
logo
Renesas Technology Corp
2SJ221-E RENESAS-2SJ221-E Datasheet
81Kb / 7P
   Silicon P Channel MOS FET
More results

Description similaire - 2SJ221

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com