Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ186 Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce 2SJ186
Description  Silicon P-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ186 Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  2SJ186 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ186 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ186 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ186 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ186 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ186 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ186 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ186 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ186 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SJ186
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
–200
V
I
D = –10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±15
——V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±12 V, VDS = 0
Zero gate voltage drain current I
DSS
–50
µAV
DS = –160 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–2.0
–4.0
V
I
D = –1 mA, VDS = –10 V
Static drain to source on state
R
DS(on)
8.0
12.0
I
D = –0.25 A, VGS = –10 V*
1
resistance
10.0
15.0
I
D = –1 A, VGS = –10 V*
1
Forward transfer admittance
|y
fs|
0.18
0.3
S
I
D = –0.25 A, VDS = –10 V*
1
Input capacitance
Ciss
75
pF
V
DS = –10 V, VGS = 0,
Output capacitance
Coss
32
pF
f = 1 MHz
Reverse transfer capacitance
Crss
5
pF
Turn-on delay time
t
d(on)
—6
—ns
I
D = –0.25 A, VGS = –10 V,
Rise time
t
r
—6
—ns
R
L = 120 Ω
Turn-off delay time
t
d(off)
—17
ns
Fall time
t
f
—15
ns
Body to drain diode forward
voltage
V
DF
0.95
V
I
F = –0.5 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
100
ns
I
F = –0.5 A, VGS = 0,
di
F/dt = 50 A/µs
Note:
1. Pulse test
Marking for 2SJ186 is “CY”.


Numéro de pièce similaire - 2SJ186

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ186 RENESAS-2SJ186 Datasheet
83Kb / 7P
   Silicon P Channel MOS FET
2SJ186CYEL-E RENESAS-2SJ186CYEL-E Datasheet
83Kb / 7P
   Silicon P Channel MOS FET
2SJ186 RENESAS-2SJ186_15 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results

Description similaire - 2SJ186

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com