Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-4516CA726EF-A80 Fiches technique(PDF) 10 Page - NEC

No de pièce MC-4516CA726EF-A80
Description  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

MC-4516CA726EF-A80 Fiches technique(HTML) 10 Page - NEC

Back Button MC-4516CA726EF-A80 Datasheet HTML 6Page - NEC MC-4516CA726EF-A80 Datasheet HTML 7Page - NEC MC-4516CA726EF-A80 Datasheet HTML 8Page - NEC MC-4516CA726EF-A80 Datasheet HTML 9Page - NEC MC-4516CA726EF-A80 Datasheet HTML 10Page - NEC MC-4516CA726EF-A80 Datasheet HTML 11Page - NEC MC-4516CA726EF-A80 Datasheet HTML 12Page - NEC MC-4516CA726EF-A80 Datasheet HTML 13Page - NEC MC-4516CA726EF-A80 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet M14333EJ2V0DS00
10
MC-4516CA726
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written into
serial PD memory
80H
1
0
0
0
0
0
0
0
128 bytes
1
Total number of bytes of serial PD memory
08H
0
0
0
0
1
0
0
0
256 bytes
2
Fundamental memory type
04H
0
0
0
0
0
1
0
0
SDRAM
3
Number of rows
0CH
0
0
0
0
1
1
0
0
12 rows
4
Number of columns
0AH
0
0
0
0
1
0
1
0
10 columns
5
Number of banks
01H
0
0
0
0
0
0
0
1
1 bank
6
Data width
48H
0
1
0
0
1
0
0
0
72 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface
01H
0
0
0
0
0
0
0
1
LVTTL
9
CL = 3 Cycle time
-A80
80H
1
0
0
0
0
0
0
0
8 ns
-A10
A0H
1
0
1
0
0
0
0
0
10 ns
10
CL =3 Access time
-A80
60H
0
1
1
0
0
0
0
0
6 ns
-A10
60H
0
1
1
0
0
0
0
0
6 ns
11
DIMM configuration type
02H
0
0
0
0
0
0
1
0
ECC
12
Refresh rate/type
80H
1
0
0
0
0
0
0
0
Normal
13
SDRAM width
08H
00
00
10
00
×8
14
Error checking SDRAM width
08H
0
0
0
0
1
0
0
0
×8
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
8FH
1
0
0
0
1
1
1
1
1, 2, 4, 8, F
17
Number of banks on each SDRAM
04H
0
0
0
0
0
1
0
0
4 banks
18
/CAS latency supported
06H
0
0
0
0
0
1
1
0
2, 3
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
01H
0
0
0
0
0
0
0
1
0
21
SDRAM module attributes
00H
0
0
0
0
0
0
0
0
22
SDRAM device attributes : General
0EH
0
0
0
0
1
1
1
0
23
CL = 2 Cycle time
-A80
A0H
1
0
1
0
0
0
0
0
10 ns
-A10
D0H
1
1
0
1
0
0
0
0
13 ns
24
CL = 2 Access time
-A80
60H
0
1
1
0
0
0
0
0
6 ns
-A10
70H
0
1
1
1
0
0
0
0
7 ns
25-26
00H
0
0
0
0
0
0
0
0
-A80
14H
0
0
0
1
0
1
0
0
20 ns
27
tRP(MIN.)
-A10
14H
0
0
0
1
0
1
0
0
20 ns
28
tRRD(MIN.)
-A80
10H
0
0
0
1
0
0
0
0
16 ns
-A10
14H
0
0
0
1
0
1
0
0
20 ns
-A80
14H
0
0
0
1
0
1
0
0
20 ns
29
tRCD(MIN.)
-A10
14H
0
0
0
1
0
1
0
0
20 ns
30
tRAS(MIN.)
-A80
30H
0
0
1
1
0
0
0
0
48 ns
-A10
32H
0
0
1
1
0
0
1
0
50 ns
31
Module bank density
20H
0
0
1
0
0
0
0
0
128M bytes


Numéro de pièce similaire - MC-4516CA726EF-A80

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-4516CA726EF-A80 ELPIDA-MC-4516CA726EF-A80 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Description similaire - MC-4516CA726EF-A80

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com