Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2101 Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce 2SD2101
Description  Silicon NPN Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2101 Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  2SD2101 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 5Page - Hitachi Semiconductor 2SD2101 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD2101
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Collector to base voltage
V
CBO
200
V
Collector to emitter voltage
V
CEO
200
V
Emitter to base voltage
V
EBO
7V
Collector current
I
C
10
A
Collector peak current
I
C(peak)
15
A
Collector power dissipation
P
C
2W
P
C*
1
30
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Value at T
C = 25°C.
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
200
V
I
C = 0.1 mA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
200
V
I
C = 25 mA, RBE = ∞
Collector to emitter sustain
voltage
V
CEO(SUS)
170
V
I
C = 5 A, L = 5 mH
Emitter to base breakdown
voltage
V
(BR)EBO
7—
V
I
E = 50 mA, IC = 0
Collector cutoff current
I
CBO
——
10
µAV
CB = 180 V, IE = 0
I
CEO
50
V
CE = 180 V, RBE = ∞
DC current transfer ratio
h
FE
1500
V
CE = 3 V, IC = 5 A*
1
Collector to emitter saturation
V
CE(sat)1
1.5
V
I
C = 5 A, IB = 10 mA*
1
voltage
V
CE(sat)2
3.0
I
C = 10 A, IB = 100 mA*
1
Base to emitter saturation
V
BE(sat)1
2.0
V
I
C = 5 A, IB = 10 mA*
1
voltage
V
BE(sat)2
3.5
I
C = 10 A, IB = 100 mA*
1
Note:
1. Pulse test.


Numéro de pièce similaire - 2SD2101

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SD2101 RENESAS-2SD2101 Datasheet
150Kb / 7P
   Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SD2101 SAVANTIC-2SD2101 Datasheet
113Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2101 JMNIC-2SD2101 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2101 ISC-2SD2101 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2101 SAVANTIC-2SD2101 Datasheet
115Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD2101

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com