Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1419 Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce 2SD1419
Description  Silicon NPN Epitaxial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1419 Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  2SD1419 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1419 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1419 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1419 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1419 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1419
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
120
V
Collector to emitter voltage
V
CEO
100
V
Emitter to base voltage
V
EBO
5V
Collector current
I
C
1A
Collector peak current
i
C(peak)*
1
2A
Collector power dissipation
P
C*
2
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 ms, Duty cycle ≤ 20%
2. Value on the alumina ceramic board (12.5 x 20 x 0.7 mm)
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
120
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
100
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
——
10
µAV
CB = 100 V, IE = 0
DC current transfer ratio
h
FE1*
1
60
200
V
CE = 5 V, IC = 150 mA*
2
h
FE2
30
V
CE = 5 V, IC = 500 mA*
2
Collector to emitter saturation
voltage
V
CE(sat)
1VI
C = 500 mA, IB = 50 mA*
2
Base to emitter voltage
V
BE
1.5
V
V
CE = 5 V, IC = 150 mA*
2
Gain bandwidth product
f
T
140
MHz
V
CE = 5 V, IC = 150 mA*
2
Collector output capacitance
Cob
12
pF
V
CB = 10 V, IE = 0, f = 1 MHz
Notes: 1. The 2SD1419 is grouped by h
FE1 as follows.
2. Pulse test
Mark
DD
DE
h
FE1
60 to 120
100 to 200
See characteristic curves of 2SD1418.


Numéro de pièce similaire - 2SD1419

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SD1419 RENESAS-2SD1419 Datasheet
98Kb / 6P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD1419 KEXIN-2SD1419 Datasheet
52Kb / 2P
   NPN Silicon epitaxial Transistor
logo
Shenzhen Luguang Electr...
2SD1419 LUGUANG-2SD1419 Datasheet
989Kb / 2P
   NPN Silicon epitaxial Transistor
logo
Guangdong Kexin Industr...
2SD1419-D KEXIN-2SD1419-D Datasheet
920Kb / 3P
   NPN Transistors
2SD1419-E KEXIN-2SD1419-E Datasheet
920Kb / 3P
   NPN Transistors
More results

Description similaire - 2SD1419

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com