Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWH-275A Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc.

No de pièce FWH-275A
Description  Electrical Characteristics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-275A Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc.

  FWH-275A Datasheet HTML 1Page - Cooper Bussmann, Inc. FWH-275A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Form No. FWH 500
Page 2 of 2
BIF Doc #720007
®
FWH 500V
35-1600A
Order #
Fig.
A
B
C
D
E
F
G
H
J
FWH-35B-60B
1
3.188
0.813
1.593
2.541
2.193
0.344
0.719
0.125
0.518
FWH-70B-100B
1
3.625
0.947
1.736
2.853
2.807
0.352
0.750
0.125
0.375
FWH-125B-200B
1
3.625
1.156
1.836
2.892
2.768
0.344
1.000
0.188
0.406
FWH-225A-400A
1
4.340
1.500
2.090
3.440
2.750
0.410
1.000
0.250
0.750
FWH-450A-600A
1
4.340
2.000
2.090
3.530
2.780
0.410
1.500
0.250
0.780
FWH-700A-800A
1
6.340
2.500
2.090
4.970
3.440
0.530
2.000
0.380
1.300
FWH-1000A-1200A
1
6.969
3.000
3.219
5.465
4.475
0.625
2.375
0.438
1.120
FWH-1400A-1600A
2
See Drawing
Dimensions
A
E
D
C
F
J
G
B
H
10.219
3.219
0.625
4.25
0.75
3.5
6.219
0.125
0.5
1.625
1.750
8.969
500
400
250
100
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
1)
2)
UL
2.0
1.6
1.2
103
800
600
500
400
300
100
400
300
200
500
Eg
2)
1)
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
Fig. 1: 35-1200 Amp Range
Fig. 2: 1400-1600 Amp Range
Dimension in inches.
1mm = 0.0394∑
1∑ = 25.4mm
1) 35-800 Amp Range
2) 1000-1600 Amp Range
1) 35-200 & 1000-1600 Amp Range
2) 225-800 Amp Range
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
7-11-01
SB01191
R


Numéro de pièce similaire - FWH-275A

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FWH-275A COOPER-FWH-275A Datasheet
750Kb / 20P
   High Speed Fuses
FWH-275A COOPER-FWH-275A Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-275A COOPER-FWH-275A Datasheet
50Kb / 2P
   FWH 500V 35-1600A
FWH-275A COOPER-FWH-275A Datasheet
50Kb / 2P
   FWH 500V 35-1600A
More results

Description similaire - FWH-275A

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5737A NJSEMI-1N5737A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5744A NJSEMI-1N5744A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5754A NJSEMI-1N5754A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5968 NJSEMI-1N5968 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com