Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3512 Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce 2SC3512
Description  Silicon NPN Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3512 Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  2SC3512 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3512 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3512 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3512 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3512 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3512 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC3512
4
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
12
5
20
10
50
0
0.4
0.8
1.2
1.6
2.0
IE = 0
f = 1 MHz
Power Gain vs. Collector Current
Collector Current IC (mA)
2
5
10
20
50
20
16
12
8
4
VCE = 5 V
f = 900 MHz
1
0
Noise Figure vs. Collector Current
Collector Current IC (mA)
2
5
10
20
50
5
4
3
2
1
VCE = 5 V
f = 900 MHz
1
0


Numéro de pièce similaire - 2SC3512

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SC3512 RENESAS-2SC3512 Datasheet
163Kb / 6P
   Silicon NPN Epitaxial
logo
Inchange Semiconductor ...
2SC3512 ISC-2SC3512 Datasheet
119Kb / 3P
   isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC3512TZ-E RENESAS-2SC3512TZ-E Datasheet
163Kb / 6P
   Silicon NPN Epitaxial
More results

Description similaire - 2SC3512

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com