Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3128 Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce 2SC3128
Description  Silicon NPN Epitaxial
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3128 Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  2SC3128 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3128 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3128 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3128 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3128 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3128 Datasheet HTML 6Page - Hitachi Semiconductor 2SC3128 Datasheet HTML 7Page - Hitachi Semiconductor 2SC3128 Datasheet HTML 8Page - Hitachi Semiconductor 2SC3128 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC3127, 2SC3128, 2SC3510
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
20
——V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
12
——V
I
C = 1 mA, RBE = ∞
Emitter cutoff current
I
EBO
——
10
µAV
EB = 3 V, IC = 0
Collector cutoff current
I
CBO
0.5
µAV
CB = 12 V, IE = 0
DC current transfer ratio
h
FE
30
90
200
V
CE = 5 V, IC = 20 mA
Collector output capacitance
Cob
0.9
1.5
pF
V
CB = 5 V, IE = 0, f = 1 MHz
Gain bandwidth product
f
T
3.5
4.5
GHz
V
CE = 5 V, IC = 20 mA
Power gain
PG
10.5
dB
V
CE = 5 V, IC = 20 mA,
f = 900 MHz
Noise figure
NF
2.2
dB
V
CE = 5 V, IC = 5 mA,
f = 900 MHz
Maximum Collector Dissipation Curve
600
400
200
0
50
100
150
200
Ambient Temperature Ta (
°C)
2SC3510
2SC3128
2SC3127
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
1
2
5
10
20
50
100
0
40
80
120
160
200
VCE = 5 V


Numéro de pièce similaire - 2SC3128

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SC3120 TOSHIBA-2SC3120 Datasheet
230Kb / 4P
   TRANSISTOR (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3120 KEXIN-2SC3120 Datasheet
35Kb / 1P
   Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3120 TOSHIBA-2SC3120_07 Datasheet
667Kb / 5P
   Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
2SC3121 TOSHIBA-2SC3121 Datasheet
181Kb / 3P
   TRANSISTOR (TV TUNER, UHF OSCILLATOR, CONVERTER APPLICATIONS)(COMMON BASE)
2SC3121 TOSHIBA-2SC3121 Datasheet
591Kb / 4P
   Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications
More results

Description similaire - 2SC3128

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com