Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2979 Fiches technique(PDF) 5 Page - Hitachi Semiconductor

No de pièce 2SC2979
Description  Silicon NPN Triple Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2979 Fiches technique(HTML) 5 Page - Hitachi Semiconductor

  2SC2979 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2979 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2979 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2979 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2979 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2979 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2979 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC2979
5
Saturation Voltage vs.
Collector Current
TC = 25°C
IC = 5 IB
10
3
1.0
0.3
0.1
0.03
0.01
0.005
0.03
0.3
5
3
0.1
1.0
0.01
Collector current IC (A)
VBE(sat)
VCE(sat)
Switching Time vs. Collector Current
10
3
1.0
0.3
0.1
0.03
0.01
0.005
35
0.03
0.1
0.01
0.3
1.0
Collector current IC (A)
IC = 5 IB1 = –2 IB2
VCC = 250 V
tstg
tf
ton
Switching Time vs. Case Temperature
5
3
1.0
0.3
0.1
0.05
25
75
125
50
100
0
Case temperature TC (°C)
IC = 1.5 A
IB1 = 0.3 A,IB2 = –0.75 A
VCC = 250 V
tstg
tf
ton


Numéro de pièce similaire - 2SC2979

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2SC2979 MOSPEC-2SC2979 Datasheet
135Kb / 3P
   POWER TRANSISTORS(3A,800V,40W)
logo
List of Unclassifed Man...
2SC2979 ETC1-2SC2979 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Renesas Technology Corp
2SC2979 RENESAS-2SC2979 Datasheet
156Kb / 8P
   Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SC2979 SAVANTIC-2SC2979 Datasheet
130Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2979 ISC-2SC2979 Datasheet
159Kb / 4P
   Silicon NPN Power Transistors
More results

Description similaire - 2SC2979

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com