Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP1210SATG Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce TLP1210SATG
Description  12 outlet, 10-ft cord, 3600 joules, 2-line coax, 1-line RJ11/RJ45 combo protection Eco Home/Business
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TLP1210SATG Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  TLP1210SATG Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP1210SATG Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP1210SATG Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP1210SATG Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP1210SATG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Tripp Lite:
TLP1210SATG


Numéro de pièce similaire - TLP1210SATG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
TLP121GB TOSHIBA-TLP121GB Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
More results

Description similaire - TLP1210SATG

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
   8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP76MSG TRIPPLITE-TLP76MSG Datasheet
118Kb / 3P
   6 individually controlled eco outlets plus 1 always on outlet, 6-ft cord, 1080 joules ECO-SURGE Home/Business Surge Suppressor
logo
List of Unclassifed Man...
HT1010SAT3 ETC2-HT1010SAT3 Datasheet
509Kb / 5P
   10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial and 1-line tel/modem/ethernet protection - Home/Business Theater Surge Suppressor
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
   8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
   Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
TLP128TTUSBB TRIPPLITE-TLP128TTUSBB Datasheet
174Kb / 4P
   Protect It! 12-Outlet Surge Protector - 8 ft. (2.43m) Cord, 4320 Joules, Tel/Modem/Coax Protection, 2 USB Ports, Black
logo
List of Unclassifed Man...
ISOBAR6DBS ETC2-ISOBAR6DBS Datasheet
505Kb / 5P
   6 outlet, 6ft cord, 2850 joules, 2-line coaxial, 1-line tel/modem, All-metal housing Isobar Surge
IBAR12-20ULTRA ETC2-IBAR12-20ULTRA Datasheet
485Kb / 5P
   12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
ISOBAR12 TRIPPLITE-ISOBAR12 Datasheet
480Kb / 3P
   12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
SS361220 TRIPPLITE-SS361220 Datasheet
164Kb / 4P
   12-Outlet (10-15A & 2-20A) Power Strip with Surge Protection, 15 ft. (4.57 m) Cord, 1650 Joules, 36 in.
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com