Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART1500SLT Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SMART1500SLT
Description  SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500SLT Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART1500SLT Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartPro 1.5kVA Line Interactive Sine Wave UPS,
SNMPWEBCARD option, Tower, USB, Serial,
100/110/120V
MODEL NUMBER: SMART1500SLT
Description
1500VA line-interactive tower UPS system for server, networking and telecommunications equipment. Upright tower form factor. Offers sine wave 100V, 110V
or 120V nominal output in both AC and battery modes. Switches to battery-derived AC output during power failures and extreme voltage variations.
Line-interactive automatic voltage regulation (AVR) provides voltage boost/cut during brownouts/overvoltages to maintain regulated 100V, 110V or 120V
nominal output over an input voltage range of 95-145V. Includes NEMA 5-15P input plug and 8 UPS-supported NEMA 5-15R output receptacles.
Network-grade AC surge and noise suppression. Network management interfaces support simultaneous communications via USB port, DB9 serial port and
SNMPWEBCARD slot. HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac
OS X. Supports simultaneous detailed monitoring of equipment load levels, self-test data and utility power conditions via all 3 network interfaces. Includes
PowerAlert monitoring software and complete cabling. Three-stage metered current monitoring and battery charge status LEDs. Data line surge suppression
for dialup, DSL or network Ethernet connections. Utility power and voltage regulation LEDs. Audible alarm. Self-test. Field-replaceable, hot-swappable internal
batteries. Attractive all-black color scheme.
Features
SMART 1500SLT line-interactive UPS offers battery derived sine wave AC output during power outages, voltage regulation during brownouts and
overvoltages, plus network-grade AC surge suppression
1500VA/900 watt power handling capability with full-time sine wave output offers guaranteed compatibility with networking, telecom and other sensitive
electronic devices
Large internal batteries offer runtimes of 17 minutes at half load (750VA/450 watts) and 6 minutes at full load (1500VA/900 watts)
Automatic Voltage Regulation (AVR) circuits maintain user-selectable 100, 110, 120 or 127V nominal output over an input voltage range of 91 to 145V
Includes 8 fully-protected NEMA 5-15R output receptacles arranged in a single load bank that can be powered off and back on again via software
interface
PowerAlert UPS monitoring and unattended shutdown software enables configurable network broadcast messaging, pager & email notification, event
logging and running user-defined script commands
Offers simultaneous monitoring by up to 3 directly-connected devices through included USB, DB9 and SNMP* interfaces (*requires optional
SNMPWEBCARD), or the monitoring of any number of additional UPS systems over IP with included PowerAlert monitoring software.
Highlights
1.5kVA / 1500VA line interactive
tower UPS; Sine wave output
100/110/120V output, Corrects
brownouts and overvoltages
USB, RS232 and slot for optional
SNMP/Web card
Detailed status LEDs, Single line
TEL / DSL surge suppression
NEMA 5-15P input, 8 5-15R
outlets
Package Includes
SMART 1500SLT UPS System
PowerAlert Software CD-Rom
USB and serial cabling
1 / 6


Numéro de pièce similaire - SMART1500SLT

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART1500SLT TRIPPLITE-SMART1500SLT_15 Datasheet
508Kb / 5P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
More results

Description similaire - SMART1500SLT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
SMART1500RM2U ETC2-SMART1500RM2U Datasheet
516Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART5000TEL3U ETC2-SMART5000TEL3U Datasheet
521Kb / 6P
   SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
SMART1050SLT ETC2-SMART1050SLT Datasheet
518Kb / 7P
   SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMX1500SLT TRIPPLITE-SMX1500SLT Datasheet
500Kb / 5P
   SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
logo
List of Unclassifed Man...
SMART1500RMXL2UA ETC2-SMART1500RMXL2UA Datasheet
518Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com