Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SB561 Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce 2SB561
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB561 Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  2SB561 Datasheet HTML 1Page - Hitachi Semiconductor 2SB561 Datasheet HTML 2Page - Hitachi Semiconductor 2SB561 Datasheet HTML 3Page - Hitachi Semiconductor 2SB561 Datasheet HTML 4Page - Hitachi Semiconductor 2SB561 Datasheet HTML 5Page - Hitachi Semiconductor 2SB561 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SB561
3
Maximum Collector Dissipation
Curve
0.6
0.4
0.2
0
50
150
100
Ambient Tmperature Ta (
°C)
Typical Output Characteristics
–500
–400
–300
–200
–100
0
–0.4
–2.0
–1.2
–0.8
–1.6
Collector to Emitter Voltage VCE (V)
IB = 0
–0.5 mA
–1.0
–1.5
–2.0
–2.5
P
C
=
0.5
W
Typical Transfer Characteristics
–1,000
–300
–100
–30
–10
–3
–1
0
–0.4
–0.8
–0.2
Base to Emitter Voltage VBE (V)
–0.6
–1.0
VCE = –1 V
Ta = 75
°C
25
°C
DC Current Transfer Ratio vs.
Collector Current
VCE = –1 V
Pulse
Ta = 75
°C
25
°C
3,000
1,000
300
100
30
10
–1
–3
–30
–300
–100
–1,000
–10
Collector Current IC (mA)


Numéro de pièce similaire - 2SB561

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SB561 RENESAS-2SB561 Datasheet
166Kb / 6P
   Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SB561 SECOS-2SB561 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Foshan Blue Rocket Elec...
2SB561 FOSHAN-2SB561 Datasheet
798Kb / 6P
   Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SB561 JIANGSU-2SB561 Datasheet
363Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SB561 DGNJDZ-2SB561 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - 2SB561

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com