Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Q2016LH4 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce Q2016LH4
Description  Alternistor Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

Q2016LH4 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  Q2016LH4 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q2016LH4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheets
Alternistor Triacs
©2004 Littelfuse, Inc.
E4 - 5
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
General Notes
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25 °C unless specified otherwise.
Operating temperature range (TJ) is -40 °C to +125 °C.
Storage temperature range (TS) is -40 °C to +125 °C.
Lead solder temperature is a maximum of 230 °C for 10 seconds
maximum
≥1/16" (1.59 mm) from case.
The case temperature (TC) is measured as shown in the dimen-
sional outline drawings. See “Package Dimensions” section.
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage (VGT) with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E4.1 through Figure E4.4 for current rating at specific
operating temperature and Figure 4.16 for free air rating (no heat
sink).
(5) See Figure E4.5 and Figure E4.6 for iT and vT.
(6) See Figure E4.7 for VGT versus TC.
(7) See Figure E4.8 for IGT versus TC.
(8) See Figure E4.9 for IH versus TC.
(9) See Figure E4.10 and Figure E4.11 for surge rating with specific
durations.
IDRM
VGT
VTM
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (18)
mAmps
(2) (6)
(15) (17)
(20)
Volts
(1) (5)
Volts
(1) (8)
(12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10)
µSec
Amps2Sec
(19)
Amps/µSec
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC =
25 °C
TC =
25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
MAX
MIN
MIN
TYP
0.05
0.5
2
1.5
1.6
35
2
20
0.5
200/167
20
500
400
3
166
100
0.05
0.5
2
1.5
1.6
35
2
20
0.5
200/167
20
400
350
3
166
100
0.05
0.5
2
1.5
1.6
35
2
20
0.5
200/167
20
300
250
3
166
100
0.1
1
3
1.5
1.6
35
2
20
0.5
200/167
20
275
200
3
166
100
0.1
3
1.5
1.6
35
2
20
0.5
200/167
20
200
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
650
500
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
600
475
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
500
400
3
166
100
0.1
1
3
2
1.6
50
2
20
0.5
200/167
25
425
350
3
166
100
0.1
3
2
1.6
50
2
20
0.5
200/167
25
300
3
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
1090
925
5
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
1090
925
5
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
1000
850
5
166
100
0.1
1
3
2.5
1.6
70
2
20
0.5
200/167
30
700
475
5
166
100
0.1
3
2.5
1.6
70
2
20
0.5
200/167
30
350
5
166
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
875
600
5
259
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
875
600
5
259
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
800
520
5
259
100
0.1
1
3
2.5
1.8
100
2
20
0.5
250/208
30
700
475
5
259
100
0.1
3
2.5
1.8
100
2
20
0.5
250/208
30
400
5
259
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
650
500
3
508
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
600
475
3
508
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
500
400
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
650
500
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
600
475
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
500
400
3
508
100
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1100
700
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1100
700
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1000
625
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
900
575
5
664
150
0.2
5
2.5
1.8
120
4
40
0.8
400/335
50
500
5
664
150


Numéro de pièce similaire - Q2016LH4

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
Q2016LH4 LITTELFUSE-Q2016LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
More results

Description similaire - Q2016LH4

FabricantNo de pièceFiches techniqueDescription
logo
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com