Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1191 Fiches technique(PDF) 5 Page - Hitachi Semiconductor

No de pièce 2SA1191
Description  Silicon PNP Epitaxial
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA1191 Fiches technique(HTML) 5 Page - Hitachi Semiconductor

  2SA1191 Datasheet HTML 1Page - Hitachi Semiconductor 2SA1191 Datasheet HTML 2Page - Hitachi Semiconductor 2SA1191 Datasheet HTML 3Page - Hitachi Semiconductor 2SA1191 Datasheet HTML 4Page - Hitachi Semiconductor 2SA1191 Datasheet HTML 5Page - Hitachi Semiconductor 2SA1191 Datasheet HTML 6Page - Hitachi Semiconductor 2SA1191 Datasheet HTML 7Page - Hitachi Semiconductor 2SA1191 Datasheet HTML 8Page - Hitachi Semiconductor 2SA1191 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SA1190, 2SA1191
5
Collector Cutoff Current vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
0
–20
–40
–60
–80
–100
–1
–10
–100
–1,000
–10.000
Ta = 75
°C
IE = 0
25
–25
Collector Cutoff Current vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
0
–20
–40
–60
–80
–100
–0.1
–1.0
–10
–100
–1,000
Ta = 75
°C
25
–25
RBE = ∞
Emitter Cutoff Current vs.
Emitter to Base Voltage
Emitter to Base Voltage VEB (V)
0
–2–4–6–8
–10
–0.1
–1.0
–10
–100
–1,000
Ta = 75
°C
25
–25
IC = 0
Collector to Emitter Breakdown Voltage vs.
Base to Emitter Resistance
Base to Emitter Resistance RBE (Ω)
10
100
1 k
10 k
100 k
–140
–150
–160
–170
–180
–190
Typical Value
IC = –1 mA


Numéro de pièce similaire - 2SA1191

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
2SA1191 NJSEMI-2SA1191 Datasheet
227Kb / 1P
   New Jersey Semi-Conductor Products,
More results

Description similaire - 2SA1191

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com