Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMART700HG Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce SMART700HG
Description  SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700HG Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART700HG Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART700HG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Battery replacement door and back panel grounding lug
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
700
Output Watt Capacity (watts)
450
Output power factor
0.6
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-18%, +8%
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
4 5-15R outlet(s)
Output receptacle details
Hospital grade output receptacles
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
5.5A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P-HG
Input circuit breaker
10A
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Input cord length (ft.)
6
Input cord length (m)
1.8
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
18 min. (450w)
Half load runtime (minutes)
42 min. (225w)
DC system voltage (VDC)
36
Battery recharge rate (included
batteries)
Less than 4 hours from 10% to 90%
2 / 5


Numéro de pièce similaire - SMART700HG

FabricantNo de pièceFiches techniqueDescription
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
More results

Description similaire - SMART700HG

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SMX700HG ETC2-SMX700HG Datasheet
494Kb / 4P
   SmartPro Medical Grade .7kVA 230V Line interactive Tower UPS, full isolation, USB & Serial ports
SMART1200XLHG ETC2-SMART1200XLHG Datasheet
502Kb / 7P
   SmartPro Medical Grade 1kVA 120V Line interactive Tower UPS with Extended-run, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive UPS, Tower USB 120V
logo
Tripp Lite. All Rights ...
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART1200XLHGL TRIPPLITE-SMART1200XLHGL Datasheet
163Kb / 5P
   SmartPro 120V 1kVA 750W Medical-Grade Line-Interactive Tower UPS with 4 Outlets, Full Isolation, USB, Lithium Battery
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART2200NET TRIPPLITE-SMART2200NET_15 Datasheet
507Kb / 4P
   SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com