Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BAV99
Description  Fast Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BAV99 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BAV99 Datasheet HTML 1Page - List of Unclassifed Manufacturers BAV99 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
MAKO Semiconductor Co., Limited
SCHOTTKY DIODES
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
MARKING:
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Limit
s
Unit
Reverse voltage
V
R
70
0
V
Forward Current
I
F
200
0
0
mA
Peak Forward Surge Current
IFM(surge)
500
0
0
mA
Power Dissipation
P
D
225
2
5
mW
Thermal Resistance Junction to Ambient Air
RθJ
A
556
5
6
/W
Junction temperature
T
J
150
5
0
Storage temperature range
TST
G
-55-150
50
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V R
70
V
IR=100μA
Forward voltage
VF1
0.715
V
IF=1mA
VF2
0.855
V
IF=10mA
VF3
1
V
IF=50mA
VF4
1.25
V
IF=150mA
Reverse current
IR
2.5
μA
VR=70V
Capacitance between terminals
CT
1.5
pF
VR=0,f=1MHz
Reverse recovery time
t rr
6
ns
IF = IR = 10mA,
Irr= 0.1 x IR, RL = 100Ω
BAW56:A1
BAV70:A4
BAV99:A7
Plastic- Encapsulate Diodes
SOT-23
BAW56/BAV70/BAV99
http://www.makosemi.hk/


Numéro de pièce similaire - BAV99

FabricantNo de pièceFiches techniqueDescription
logo
Diotech Company.
BAV99 DIOTECH-BAV99 Datasheet
977Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Youtai Semico...
BAV99 UMW-BAV99 Datasheet
850Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Nanjing International G...
BAV99 DGNJDZ-BAV99 Datasheet
83Kb / 2P
   Fast switching in thick and thin-film circuits diode
logo
SeCoS Halbleitertechnol...
BAV99 SECOS-BAV99 Datasheet
236Kb / 3P
   0.215A , 70V Surface Mount Switching Diode
More results

Description similaire - BAV99

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com