Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP604 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce TLP604
Description  6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TLP604 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP604 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP604 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP604 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP604 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PHYSICAL
Shipping Dimensions (HWD/in)
8 x 4 x 1.30
Shipping Dimensions (HWD/cm)
20.32 x 10.16 x 3.302
Shipping weight (lbs)
.86
Shipping weight (kg)
0.39
Unit Dimensions (HWD/in)
10.8 x 1.85 x 1.23
Unit Dimensions (HWD/cm)
27.43 x 4.70 x 3.12
Unit weight (lbs)
.80
Unit weight (kg)
0.36
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Light Gray
Receptacle Color
Light Gray
AC line cord color
Light Gray
Style
Strip
Outlets center to center
measurement
28.5mm
Keyhole slot center to center
measurement
Distance between slots = 101mm; Distance between slot height = 28mm
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3RD EDITION
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$20,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Numéro de pièce similaire - TLP604

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
   6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
More results

Description similaire - TLP604

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
   6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
   6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
   7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
SUPER6TEL ETC2-SUPER6TEL Datasheet
490Kb / 5P
   7-outlet, 6-ft cord, 1080 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
   7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
TLP808 ETC2-TLP808 Datasheet
507Kb / 5P
   8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
   7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP608 ETC2-TLP608 Datasheet
481Kb / 4P
   6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
   6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com