Moteur de recherche de fiches techniques de composants électroniques |
|
H0515XM Fiches technique(PDF) 1 Page - Microdc power Technology Co., Ltd |
|
H0515XM Fiches technique(HTML) 1 Page - Microdc power Technology Co., Ltd |
1 / 4 page H H-X -XM&G M&G-X -XM M S Series eries http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 1 of 4 SELECTION SELECTION GUIDE GUIDE Order code Input Voltage (V) Output Voltage (V) Output Current (MA) Ripple&Noise2 (MA) Efficiency (%) Isolation Capacitate (PF) MTTF1 (KHRS) G0505XM 5 ±5 ±100 40 60 3.0 4950 G0509XM 5 ±9 ±55 30 65 3.0 3832 G0512XM 5 ±12 ±42 20 65 3.0 2770 G0515XM 5 ±15 ±33 20 65 3.0 1903 G1205XM 12 ±5 ±100 40 60 3.0 3688 G1209XM 12 ±9 ±55 30 65 3.0 3029 G1212XM 12 ±12 ±42 20 65 3.0 2324 G1215XM 12 ±15 ±33 20 65 3.0 1682 G2424XM 24 ±24 ±21 20 64 3.0 1580 H0303XM 3.3 3.3 303 70 66 3.0 13780 H0503XM 5 3.3 303 60 64 3.0 13460 H0505XM 5 5 200 50 68 3.0 13360 H0509XM 5 9 111 50 72 3.0 12700 H0512XM 5 12 83 50 71 3.0 11490 H0515XM 5 15 66 50 71 3.0 9980 H1205XM 12 5 200 50 69 3.0 8447 H1209XM 12 9 111 50 73 3.0 8176 H1212XM 12 12 83 50 73 3.0 7660 H1215XM 12 15 66 50 74 3.0 6950 H2424XM 24 24 42 50 74 3.0 6840 MODEL MODEL SELECTION SELECTION H H ①05 05 ② 05 05 ③ X X ④ M M ⑤ ① Product Series ② Input Voltage ③ Output Voltage ④ Fixed Input ⑤ Mini SIP7 Package MICRODC R ESERVES THE COPYRIGHT 1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters FEATURES FEATURES ◆ RoHS compliant ◆ Efficiency up to 80% ◆ Power density up to 0.42W/cm3 ◆ Wide temperature performance at full 1 Watt load,-40℃~85℃ ◆ Single and dual output ◆ UV 94V-0 package material ◆ No heat sink required ◆ 3.3V,5V,12V,24V input ◆ Industry standard pin out ◆ Footprint 1.91cm2 ◆ 6KVDC isolation ◆ 3.3V,5V,9V,12V and 15V output ◆ Single-in-Line Package (SIP7) ◆ Low coupling capacity ◆ No external components required ◆ MTTF up to 1.3 million hours ◆ Physical Clearance of Isolation Barrier 2.5 mm min. ◆ Custom solutions available APPLICATIONS APPLICATIONS The H-XM&G-XM series are dual and single output DC/DC converters in a 7 pin SIP package style offering pin and functionality compatibility with the E series SIP DC/DC converters. The H_XM&G_XM series is Ul60950 recognized and suitable for applications where safety and miniaturization are of paramount importance.Isolation barrier approved for supplementary/reinforced insulation. INPUT INPUT CHARACTERISTICS CHARACTERISTICS Parameter Conditions Min. Typ. Max Units Voltage range Continuous operation,3V input types 2.97 3.3 3.63 V Continuous operation,5V input types 4.5 5 5.5 V Continuous operation,12V input types 10.8 12 13.2 V Continuous operation,24V input types 21.6 24 26.4 V Input current no load 5 Vin models 55 mA 12 Vin models 30 mA Input current full load 5 Vin models 300 mA 12 Vin models 125 mA Reverse voltage protection 0.3 A Input filter Internal capacitor ABSOLUTE ABSOLUTE MAXIMUM MAXIMUM RATINGS RATINGS Short-circuit protection3 1 second Lead temperature 1.5mm from case for 10 seconds 300℃ Input voltage VIN,H/G03 types 5V Input voltage VIN,H/G05 types 7V Input voltage VIN,H/G12 types 15V Ripple and noise (20 MHz Bandwidth) 120 mV pk-pk typ. Voltage set accuracy ± 3 % Voltage balance (dual output models) ± 1 % max. Temperature coefficient ± 0.02 % / K Frequency change over line and load ± 30 % max. Humidity (non condensing) 95 % rel H max. Derating above 85℃ 5 % / K 1.Calculated using MIL-HDBK-217FN2 calculation model with nominal input voltage at full load. 2.See ripple & noise test method. 3.Supply voltage must be disconnected at the end of the short circuit duration. All specifications typical at TA=25°C,nominal input voltage and rated output current unless otherwise specified. |
Numéro de pièce similaire - H0515XM |
|
Description similaire - H0515XM |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |