Moteur de recherche de fiches techniques de composants électroniques |
|
SS100 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SS100 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page Secure Terminal Server HelloDevice Super Series, SS100 Features Panel Layout - Connects serial devices to 10/100Base-T Ethernet. - Supports RS232/422/485 based serial devices, up to 230Kbps speed. - Multiple host connections/data transfer. - Powerful security support, SSL/TLS and data encryption - Easy-To-Use customization support - System logging & port logging. - Dynamic DNS and PPPoE protocol for DSL connection to broadband Internet. - Configuration via Web, Telnet/SSH or serial port. - Surge protector included. - Supports both wall and DIN-Rail style mounting. - Supports RFC 2217, Telnet COM Port Control Protocol The Linux-based HelloDevice Super Series, is a universal Secure Device Server that allows your legacy serial devices manageable via industry standard Ethernet network. Based on open network protocols such as TCP/IP and UDP, it gives you ultimate flexibility to your serial devices. For secure data communication, the HelloDevice Super Series supports various data encryption protocols such as SSL/TLS and data encryption. In addition, IP address filtering function is provided for protecting unintentional data streams to be transmitted to the HelloDevice Super Series. Customization support features enable users to easily customize the box onthe-fly with minimal effort. The network/serial port access and serial protocol translation are provided using the free user space, Linux shell script and the library support. With PPPoE(PPP-over-Ethernet) connection feature of the HelloDevice Super Series, the RS232/422/485 serial devices could be managed over DSL-based broadband network. With the rich broadband network connectivity protocols such as DHCP, PPPoE and Dynamic DNS, you could easily manage the legacy serial devices over broadband Internet by using DSL or cable modem connection. The built-in Dynamic DNS protocol of the HelloDevice Super Series enables you to access serial devices using custom domain names. The HelloDevice Super Series also provides you with easy-to-use system management functionality of system status display, firmware upgrade and remote reset by using various accessibility options such as telnet/SSH, serial console port or web. The powerful system logging feature enables users to store/send the system/port log data to the NFS, SYSLOG server Typical application areas of the HelloDevice Super Series include: - Industrial Automation - Building automation - Network management - Security/Access control Systems - Retail/Point of Sale - General data acquisition application - Remote metering - Medical Automation - Remote display |
Numéro de pièce similaire - SS100 |
|
Description similaire - SS100 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |