Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ16A Fiches technique(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No de pièce SMAJ16A
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Site Internet  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMAJ16A Fiches technique(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMAJ16A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAJ16A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAJ16A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAJ16A Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TRR
Industry No.
TRR
House No.
Marking Code
Breakdown
Voltage at IT
(1)
V(BR) (V)
Test
Current
Stand-off
Voltage
Maximum
Reverse
Leakage
at VWM
Maximum
Peak Pulse
Surge
Current
(2)
Maximum
Clamping
Voltage
at IPPM
UNI
BI
Min
Max
IT (mA) VWM (V)
ID (µA)
IPPM (A)
VC (V)
SMAJ33A
4AT33A
CM
YM
36.70
40.60
1.0
33.0
1
7.5
53.3
SMAJ36
4AT36
CN
YN
40.00
48.90
1.0
36.0
1
6.2
64.3
SMAJ36A
4AT36A
CP
YP
40.00
44.20
1.0
36.0
1
6.9
58.1
SMAJ40
4AT40
CQ
YQ
44.40
54.30
1.0
40.0
1
5.6
71.4
SMAJ40A
4AT40A
CR
YR
44.40
49.10
1.0
40.0
1
6.2
64.5
SMAJ43
4AT43
CS
YS
47.80
58.40
1.0
43.0
1
5.2
76.7
SMAJ43A
4AT43A
CT
YT
47.80
52.80
1.0
43.0
1
5.8
69.4
SMAJ45
4AT45
CU
YU
50.00
61.10
1.0
45.0
1
5.0
80.3
SMAJ45A
4AT45A
CV
YV
50.00
55.3
1.0
45.0
1
5.5
72.7
SMAJ48
4AT48
CW
YW
53.30
65.10
1.0
48.0
1
4.7
85.5
SMAJ48A
4AT48A
CX
YX
53.30
58.9
1.0
48.0
1
5.2
77.4
SMAJ51
4AT51
CY
YY
56.70
69.30
1.0
51.0
1
4.4
91.1
SMAJ51A
4AT51A
CZ
YZ
56.70
62.7
1.0
51.0
1
4.9
82.4
SMAJ54
4AT54
RD
ZD
60.00
73.3
1.0
54.0
1
4.2
96.3
SMAJ54A
4AT54A
RE
ZE
60.0
66.3
1.0
54.0
1.0
4.6
87.1
SMAJ58
4AT58
RF
ZF
64.4
78.7
1.0
58.0
1.0
3.9
103.0
SMAJ58A
4AT58A
RG
ZG
64.4
71.2
1.0
58
1.0
4.3
93.6
SMAJ60
4AT60
RH
ZH
66.7
81.5
1.0
60
1.0
3.7
107.0
SMAJ60A
4AT60A
RK
ZK
66.7
73.7
1.0
60
1.0
4.1
96.8
SMAJ64
4AT64
RL
ZL
71.1
86.9
1.0
64
1.0
3.5
114.0
SMAJ64A
4AT64A
RM
ZM
71.1
78.6
1.0
64
1.0
3.9
103.0
SMAJ70
4AT70
RN
ZN
77.8
95.1
1.0
70
1.0
3.2
125.0
SMAJ70A
4AT70A
RP
ZP
77.8
86.0
1.0
70
1.0
3.5
113.0
SMAJ75
4AT75
RQ
ZQ
83.3
102.0
1.0
75
1.0
3.0
134.0
SMAJ75A
4AT75A
RR
ZR
83.3
92.1
1.0
75
1.0
3.3
121.0
SMAJ78
4AT78
RS
ZS
86.7
106.0
1.0
78
1.0
2.9
139.0
SMAJ78A
4AT78A
RT
ZT
86.7
95.8
1.0
78
1.0
3.2
126.0
SMAJ85
4AT85
RU
ZU
94.4
115.0
1.0
85
1.0
2.6
151.0
SMAJ85A
4AT85A
RV
ZV
94.4
104.0
1.0
85
1.0
2.9
137.0
SMAJ90
4AT90
RW
ZW
100.0
122.0
1.0
90
1.0
2.5
160.0
SMAJ90A
4AT90A
RX
ZX
100.0
111.0
1.0
90
1.0
2.7
146.0
SMAJ100
4AT100
RY
ZY
111.0
136.0
1.0
100
1.0
2.2
179.0
SMAJ100A
4AT100A
RZ
ZZ
111.0
123.0
1.0
100
1.0
2.5
162.0
SMAJ110
4AT110
SD
VD
122.0
149.0
1.0
110
1.0
2.0
196.0
SMAJ110A
4AT110A
SE
VE
122.0
135.0
1.0
110
1.0
2.3
177.0
SMAJ120
4AT120
SF
VF
133.0
163.0
1.0
120
1.0
1.9
214.0
SMAJ120A
4AT120A
SG
VG
133.0
147.0
1.0
120
1.0
2.0
193.0
SMAJ130
4AT130
SH
VH
144.0
176.0
1.0
130
1.0
1.7
231.0
SMAJ130A
4AT130A
SK
VK
144.0
159.0
1.0
130
1.0
1.9
209.0
SMAJ150
4AT150
SL
VL
167.0
204.0
1.0
150
1.0
1.5
268.0
SMAJ150A
4AT150A
SM
VM
167.0
185.0
1.0
150
1.0
1.6
243.0
SMAJ160
4AT160
SN
VN
178.0
218.0
1.0
160
1.0
1.4
287.0
SMAJ160A
4AT160A
SP
VP
178.0
197.0
1.0
160
1.0
1.5
259.0
SMAJ170
4AT170
SQ
VQ
189.0
231.0
1.0
170
1.0
1.3
304.0
SMAJ170A
4AT170A
SR
VR
189.0
209.0
1.0
170
1.0
1.4
275.0
SMAJ188
4AT188
ST
VT
209.0
255.0
1.0
188
1.0
1.1
344.0
SMAJ188A
4AT188A
SS
VS
209.0
231.0
1.0
188
1.0
1.2
328.0
Notes:
(1) Pulse test : Tp ≦ 50ms
(2) Surge current waveform Per Fig. 3 and derate Per Fig. 2
(3) Ratings at 25°C ambient temperature unless otherwise specified.
http://www.trr-jx.com
SMAJ5.0 THRU SMAJ188A
TRANSIENT VOLTAGE SUPPRESSORS


Numéro de pièce similaire - SMAJ16A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SMAJ16A LITTELFUSE-SMAJ16A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Jiangsu High diode Semi...
SMAJ16A HDSEMI-SMAJ16A Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
SAMYANG ELECTRONICS CO....
SMAJ16A SAMYANG-SMAJ16A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMAJ16A JGD-SMAJ16A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ16A SOCAY-SMAJ16A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Description similaire - SMAJ16A

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com