Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C7860 Fiches technique(PDF) 3 Page - Hamamatsu Corporation

No de pièce C7860
Description  DEUTERIUM LAMP RELATED PRODUCTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7860 Fiches technique(HTML) 3 Page - Hamamatsu Corporation

  C7860 Datasheet HTML 1Page - Hamamatsu Corporation C7860 Datasheet HTML 2Page - Hamamatsu Corporation C7860 Datasheet HTML 3Page - Hamamatsu Corporation C7860 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
NOTE: A A8087 cable should be necessary for connection between C7860 series and E8039.
APPLICATIONS
s Light sources in various experiments
s Light sources in spectrophotometry
FEATURES
s Compact
s High Stability
s High Safety, Interlock Function
s No Optical Alignment Required
s Easy Replacement of Optional Parts
DEUTERIUM LAMP HOUSING E8039
Parameter
Suitable Lamp
Lamp Power Consumption
Spectral Distribution
Anode Current
Tube Drop Voltage
Material
Dimension
Optical Axis Height
Optional Parts SMA Fiber Guide Adaptor with Lens (for thin diameter fiber)
Collimating Lens (Material: Fused Silica, Dimension:
10 mm, Focal Point: 20 mm, Light output: collimating)
Power Supply C7860 series, Connection cable A8087 and Lamp L6999-51 are optional.
L2D2 L6999-51
Approx. 30
185 to 400
80
300
Fused Silica
10
72 (include feet height)
Forced Air Cooling (Built-in cooling fan)
0 to +40
+5 to +35
30 to 90
120
× 107 × 140 (exclude projection part)
Approx. 2.3
C7860-2510 A
Lamp
Output Window
Cooling Function
Operating Ambient Temperature
Recommended Operating Temperature
Operating Humidity
Dimensions ( W
× H × D )
Weight
Suitable Power Supply Type No.
Description/Value
W
nm
V dc Typ.
mA dc
mm
mm
°C
°C
%
mm
kg
Unit
This lamp housing was designed to allow
easy operation of deuterium lamps such as
L2D2
lamps
and
provide
full
lamp
performance. It accommodates a lamp with
a flange so that no optical alignment is
required. The built-in interlock and forced-air
cooling
functions
ensure
high
safety.
Collimating lenses and fiber guide adaptors
are
also
available
as
easy-to-replace
options, which easily attach to the light exit
and allow obtaining the desired light beam.
Compact
case
allows
easy
handling
and
installation.
Lamp housing design allows the L2D2 lamp to fully
achieve its highly stable operation (fluctuation(p-p)
within 0.05%).
The interlock function turns off the lamp if the
cover comes off. The surface temperature of the
lamp housing is maintained below +50
°C.
Designed to accommodate an L2D2 lamp with a
flange which eliminates arc point shift. Absolutely
no optical alignment is required over the life of the
lamp or when replacing the lamp.
As easy-to-replace options, collimating lenses and
fiber guide adaptors that easily attach to the light
exit are available, allowing you to obtain the
desired light beam.


Numéro de pièce similaire - C7860

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
C781 POWEREX-C781 Datasheet
462Kb / 4P
   Phase Control SCR 2500 Amperes Average 2100 Volts
C781L POWEREX-C781L Datasheet
462Kb / 4P
   Phase Control SCR 2500 Amperes Average 2100 Volts
C781L POWEREX-C781L Datasheet
192Kb / 4P
   Phase Control SCR 2500 Amperes Average 1600-2100 Volts
C781L POWEREX-C781L Datasheet
474Kb / 4P
   Phase Control SCR 2500 Amperes Average 2100 Volts
C781LA POWEREX-C781LA Datasheet
462Kb / 4P
   Phase Control SCR 2500 Amperes Average 2100 Volts
More results

Description similaire - C7860

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ADM200 ETC1-ADM200 Datasheet
97Kb / 1P
   Related Products: Motor Operated Auto Drain
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
   Deuterium Thyratron
CX1174 ETC1-CX1174 Datasheet
101Kb / 4P
   Deuterium-Filled Ceramic Thyratron
logo
Hamamatsu Corporation
L7820 HAMAMATSU-L7820 Datasheet
62Kb / 2P
   Calibrated Deuterium Light Source
L1314 HAMAMATSU-L1314 Datasheet
113Kb / 2P
   WATER-COOLED TYPE DEUTERIUM LAMPS
logo
STMicroelectronics
AN2984 STMICROELECTRONICS-AN2984 Datasheet
224Kb / 8P
   Minimizing the SET-related effects
logo
List of Unclassifed Man...
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
   Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
logo
NIHON DEMPA KOGYO
NP5032SC NDK-NP5032SC Datasheet
588Kb / 1P
   For SONET-, SDH-, and GbEthernet-related equipment
7311S NDK-7311S Datasheet
542Kb / 1P
   For SONET-, SDH-, and GbEthernet-related equipment
logo
Murata Manufacturing Co...
RX5501 MURATA-RX5501 Datasheet
227Kb / 10P
   RFM products are now Murata products
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com