Moteur de recherche de fiches techniques de composants électroniques |
|
SS3A Fiches technique(PDF) 1 Page - GOOD-ARK Electronics |
|
SS3A Fiches technique(HTML) 1 Page - GOOD-ARK Electronics |
1 / 2 page Notes: (1) Reverse recovery test conditions: I F=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) 8mm2 (0.013mm thick) land areas Symbols SS3A SS3B SS3C SS3D SS3E SS3G SS3J SS3K SS3M Units Maximum repetitive peak reverse voltage V RRM 50 100 150 200 300 400 600 800 1000 Volts Maximum RMS voltage V RMS 35 70 105 140 210 280 420 560 700 Volts Maximum DC blocking voltage V DC 50 100 150 200 300 400 600 800 1000 Volts Maximum average forward rectified current at T L=75 I (AV) 3.0 Amps Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) I FSM 100.0 Amps Maximum instantaneous forward voltage at 3.0A DC V F 0.95 1.25 1.40 Volts Maximum DC reverse current T A=25 at rated DC blocking voltage T A=100 I R 5.0 500.0 A Maximum reverse recovery time (Note 1) T rr 35.0 nS Typical junction capacitance (Note 2) C J 45.0 F Typical thermal resistance (Note 3) R JL 16.0 /W Operating and storage temperature range T J, TSTG -50 to +150 Features Mechanical Data SS3A THRU SS3M SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes For surface mounted applications Low profile package Built-in strain relief Easy pick and place Superfast recovery times for high efficiency Plastic package has Underwriters Laboratory Flammability classification 94V-0 High temperature soldering: 260 /10 seconds at terminals Case: SMC molded plastic Terminals: Solder plated solderable per MIL-STD-750, method 2026 Polarity: Indicated by cathode band Weight: 0.007 ounce, 0.25 gram Maximum Ratings and Electrical Characteristics 1 Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. DI M E NS I O NS DI M i n c hes m m No t e Mi n . Ma x . Mi n . Ma x . A 0 . 260 0. 280 6. 60 7. 1 1 B 0 . 220 0. 240 5. 59 6. 10 C 0 . 075 0. 095 1. 90 2. 41 D 0 . 1 1 5 0. 121 2. 92 3. 07 H 0 . 0020 0. 0060 0. 051 0. 152 J 0 . 006 0. 012 0. 15 0. 30 K 0 . 030 0. 050 0. 76 1. 27 P 0 . 020 R E F 0 . 51 R E F S 0 . 305 0. 320 7. 75 8. 13 |
Numéro de pièce similaire - SS3A |
|
Description similaire - SS3A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |