Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC62D722CFG Fiches technique(PDF) 11 Page - Marktech Corporate

No de pièce TC62D722CFG
Description  16-Output constant current LED driver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TC62D722CFG Fiches technique(HTML) 11 Page - Marktech Corporate

Back Button TC62D722CFG Datasheet HTML 7Page - Marktech Corporate TC62D722CFG Datasheet HTML 8Page - Marktech Corporate TC62D722CFG Datasheet HTML 9Page - Marktech Corporate TC62D722CFG Datasheet HTML 10Page - Marktech Corporate TC62D722CFG Datasheet HTML 11Page - Marktech Corporate TC62D722CFG Datasheet HTML 12Page - Marktech Corporate TC62D722CFG Datasheet HTML 13Page - Marktech Corporate TC62D722CFG Datasheet HTML 14Page - Marktech Corporate TC62D722CFG Datasheet HTML 15Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TC62D722CFG/CFNG
2011-09-24
11
2-4) S3 command (The manual output open/short detection functions are executed.)
Operation) In the number of SCK pulses at TRANS="H" is 9 or 10, the following operation is executed.
The manual output open/short detection functions are executed. Note1
The output is compulsorily turned on during tON(S3) with about 60μA. And detection is done.
The manual output open/short detection result data is transmitted to the 16-bit shift register.
tON(S3) is about 800ns.
For the period of tON(S3), please set SCK and TRANS to “L”.
When inputting this command during PWM output, the manual output open/short detection
functions are executed after the PWM output. In this case, tON(S3) occurs after a PWM output.
Basic input pattern of S3 command)
The first SCK (signal X) after this command is used for transmission of the output open/short
detection result data. The input from SIN is not received. Note1
Note1: This operation is performed when the output open/short detection function is “Active” setting.
The output open/short detection functions are set by S6 command.
Default setting is “Not Active”.
2-5) S4 command (Reset of the internal PWM counter.)
Operation) In the number of SCK pulses at TRANS="H" is 11 or 12, the following operation is executed.
The internal PWM counter is reset.
When the internal PWM counter is reset, the output is turned off.
It is necessary to input S1 command to turn on the output again.
Basic input pattern of S4 command)
SCK
TRANS
PWMCLK
SOUT
Command execution
2
11
12
OFF
ON
n0000


Numéro de pièce similaire - TC62D722CFG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC62D722CFG TOSHIBA-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG_15 Datasheet
771Kb / 43P
   16-Output constant current LED driver
More results

Description similaire - TC62D722CFG

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com