Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC08L060CIMTX Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce ADC08L060CIMTX
Description  8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08L060CIMTX Fiches technique(HTML) 1 Page - Texas Instruments

  ADC08L060CIMTX Datasheet HTML 1Page - Texas Instruments ADC08L060CIMTX Datasheet HTML 2Page - Texas Instruments ADC08L060CIMTX Datasheet HTML 3Page - Texas Instruments ADC08L060CIMTX Datasheet HTML 4Page - Texas Instruments ADC08L060CIMTX Datasheet HTML 5Page - Texas Instruments ADC08L060CIMTX Datasheet HTML 6Page - Texas Instruments ADC08L060CIMTX Datasheet HTML 7Page - Texas Instruments ADC08L060CIMTX Datasheet HTML 8Page - Texas Instruments ADC08L060CIMTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ADC08L060
www.ti.com
SNAS167G – MAY 2002 – REVISED MARCH 2013
ADC08L060 8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal
Sample-and-Hold
Check for Samples: ADC08L060
1
FEATURES
DESCRIPTION
The ADC08L060 is a low-power, 8-bit, monolithic
2
Single-ended input
analog-to-digital converter with an on-chip track-and-
Internal sample-and-hold function
hold circuit. Optimized for low cost, low power, small
Low voltage (single +3V) operation
size and ease of use, this product operates at
conversion rates of 10 MSPS to 60 MSPS while
Small package
consuming just 0.65 mW per MHz of clock frequency,
Power-down feature
or 39 mW at 60 MSPS. Raising the PD pin puts the
ADC08L060 into a Power Down mode where it
KEY SPECIFICATIONS
consumes about 1 mW.
Resolution 8 bits
The unique architecture achieves 7.6 Effective Bits.
Conversion rate 60 MSPS
The ADC08L060 is resistant to latch-up and the
outputs are short-circuit proof. The top and bottom of
DNL ±0.25 LSB (typ)
the ADC08L060s reference ladder are available for
INL +0.5/
−0.2 LSB (typ)
connections,
enabling
a
wide
range
of
input
SNR (10.1 MHz) 48 dB (typ)
possibilities. The digital outputs are TTL/CMOS
compatible with a separate output power supply pin
ENOB (10.1 MHz) 7.6 bits (typ)
to support interfacing with 1.8V to 3V logic. The
THD (10.1 MHz)
−57 dB (typ)
output coding is straight binary and the digital inputs
Latency 5 Clock Cycles
(CLK and PD) are TTL/CMOS compatible.
No missing codes Ensured
The ADC08L060 is offered in a 24-lead plastic
Power Consumption
package (TSSOP) and is specified over the industrial
temperature range of
−40°C to +85°C.
Operating 0.65 mW/MSPS (typ)
Power Down Mode 1.0 mW (typ)
APPLICATIONS
Digital Imaging
Set-top boxes
Portable Instrumentation
Communication Systems
X-ray imaging
Viterbi decoders
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC08L060CIMTX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08L060CIMTX NSC-ADC08L060CIMTX Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060CIMTX NSC-ADC08L060CIMTX Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060CIMTX/NOPB TI1-ADC08L060CIMTX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results

Description similaire - ADC08L060CIMTX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com