Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1175CIMTCX Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce ADC1175CIMTCX
Description  8-Bit, 20MHz, 60mW A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC1175CIMTCX Fiches technique(HTML) 4 Page - Texas Instruments

  ADC1175CIMTCX Datasheet HTML 1Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 2Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 3Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 4Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 5Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 6Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 7Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 8Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Dn
DVDD
DVSS
12
DVDD
DVSS
ADC1175
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS (continued)
Pin
Symbol
Equivalent Circuit
Description
No.
CMOS/TTL compatible digital clock Input. VIN is sampled on
12
CLK
the falling edge of CLK input.
Conversion data digital Output pins. D0 is the LSB, D7 is the
3 thru
D0-D7
MSB. Valid data is output just after the rising edge of the CLK
10
input. These pins are enabled by bringing the OE pin low.
Positive digital supply pin. Connect to a clean voltage source
of +5V. AVDD and DVDD should have a common source and
13
DVDD
be separately bypassed with a 10µF capacitor and a 0.1µF
ceramic chip capacitor. See POWER SUPPLY
CONSIDERATIONS for more information.
This digital supply pin supplies power for the digital output
11
DVDD
drivers. This pin should be connected to a supply source in
the range of 2.5V to the Pin 13 potential.
The ground return for the digital supply. AVSS and DVSS
2, 24
DVSS
should be connected together close to the ADC1175.
Positive analog supply pin. Connected to a quiet voltage
source of +5V. AVDD and DVDD should have a common
14, 15,
AVDD
source and be separately bypassed with a 10 µF capacitor
18
and a 0.1 µF ceramic chip capacitor. See POWER SUPPLY
CONSIDERATIONS for more information.
The ground return for the analog supply. AVSS and DVSS
20, 21
AVSS
should be connected together close to the ADC1175
package.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC1175


Numéro de pièce similaire - ADC1175CIMTCX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC1175CIMTCX NSC-ADC1175CIMTCX Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
More results

Description similaire - ADC1175CIMTCX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com