Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10321 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC10321
Description  10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10321 Fiches technique(HTML) 3 Page - Texas Instruments

  ADC10321 Datasheet HTML 1Page - Texas Instruments ADC10321 Datasheet HTML 2Page - Texas Instruments ADC10321 Datasheet HTML 3Page - Texas Instruments ADC10321 Datasheet HTML 4Page - Texas Instruments ADC10321 Datasheet HTML 5Page - Texas Instruments ADC10321 Datasheet HTML 6Page - Texas Instruments ADC10321 Datasheet HTML 7Page - Texas Instruments ADC10321 Datasheet HTML 8Page - Texas Instruments ADC10321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ADC10321
www.ti.com
SNAS028F – JUNE 2000 – REVISED MAY 2013
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin
Description
No.
Symbol
Equivalent Circuit
Analog I/O
Analog Input signal to be converted. Conversion range is
30
VIN
VREF+ S to VREFS.
Analog input that goes to the high side of the reference
31
VREF+ F
ladder of the ADC. This voltage should force VREF+ S to be in
the range of 2.3V to 4.0V.
Analog output used to sense the voltage near the top of the
32
VREF+ S
ADC reference ladder.
Analog input that goes to the low side of the reference ladder
2
VREFF
of the ADC. This voltage should force VREF− S to be in the
range of 1.3V to 3.0V.
Analog output used to sense the voltage near the bottom of
1
VREF− S
the ADC reference ladder.
Converter digital clock input. VIN is sampled on the falling
9
CLK
edge of CLK input.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC10321


Numéro de pièce similaire - ADC10321

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
National Semiconductor ...
ADC10321CIVT NSC-ADC10321CIVT Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321CIVT TI1-ADC10321CIVT Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321CIVT/NOPB TI1-ADC10321CIVT/NOPB Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
More results

Description similaire - ADC10321

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com