Moteur de recherche de fiches techniques de composants électroniques |
|
SMBG64A Fiches technique(PDF) 4 Page - General Semiconductor |
|
SMBG64A Fiches technique(HTML) 4 Page - General Semiconductor |
4 / 4 page 0 1.0 2.0 3.0 4.0 0 100 150 50 1.0 µs 10 µs 100 µs 1.0ms 10ms 0.1 1.0 10 100 0.1 µs 0 25 50 75 100 125 150 175 200 0 25 50 100 75 1 10 100 200 10 100 1,000 6,000 1 10 100 10 100 200 1 10 100 200 10 100 1,000 6,000 MAXIMUM RATINGS AND CHARACTERISTIC CURVES SMBG AND SMBJ5.0 THRU 170CA FIG. 1 - PEAK PULSE POWER RATING CURVE td, PULSE WIDTH, sec. TA, AMBIENT TEMPERATURE, °C FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL FIG. 3 - PULSE WAVEFORM t, TIME, ms VWM, REVERSE STAND-OFF VOLTAGE, VOLTS VWM, REVERSE STAND-OFF VOLTAGE, VOLTS NUMBER OF CYCLES AT 60 HZ NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIG. 3 TA=25°C PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM tr=10 µsec. MEASURED at ZERO BIAS MEASURED at STAND-OFF VOLTAGE, VWM 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) UNIDIRECTIONAL ONLY td HALF VALUE - IPP 2 10/1000 µsec. WAVEFORM as DEFINED by R.E.A. FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK VALUE IPPM FIG. 5 - TYPICAL JUNCTION CAPACITANCE BIDIRECTIONAL FIG. 2 - PULSE DERATING CURVE TJ=25° C f=1.0 MHZ Vsig=50mVp-p TJ=25° C f=1.0 MHZ Vsig=50mVp-p 0.2 x 0.2” (0.5 x 0.5mm) COPPER PAD AREAS MEASURED at ZERO BIAS MEASURED at STAND-OFF VOLTAGE, VWM |
Numéro de pièce similaire - SMBG64A |
|
Description similaire - SMBG64A |