Moteur de recherche de fiches techniques de composants électroniques |
|
UA-DM Fiches technique(PDF) 1 Page - HuaXinAn Electronics CO.,LTD |
|
UA-DM Fiches technique(HTML) 1 Page - HuaXinAn Electronics CO.,LTD |
1 / 2 page UA Main Feature 1. Single Pole Relay UA series designed with medium current load 3A. 2. 2.54mm terminal pitch employment equivalent to I.C. terminal pitch. 3. IC compatibility due to its low power consumption. 4. Three types of contact arrangements available. Contact Rating Load Type UA (DM/DB) UA (D) 3A 120VAC 3A 120VAC Rated Load (Resistive) 3A 24VDC 3A 24VDC Rated Carrying Current 3A 3A AC 120V AC 120V Max. Allowable Voltage DC 60V DC 60V Max. Allowable Current 3A 3A 360VA 360VA Max. Allowable Power Force 72W 72W Min. Switching Load DC 5V, 10mA DC 5V, 10mA Contact Material Ag Alloy Ag Alloy Contact Form SPST SPDT Application Telecommunication, Domestic Appliances, Office Machine, Audio Equipment, Camera, etc. Performance (at Initial Value) Contact Resistance .............. 100m Ω Max.@100mA, 6VDC Operate Time........................ 8 mSec. Max. Release Time ....................... 4 mSec. Max. Dielectric Strength: Between Coil & Contact…… 500VAC at 50/60 Hz for one minute. Between Contacts……………500VAC at 50/60 Hz for one minute. Surge Strength………………1,000 V (between Coil & Contact 1.2x50 µSec.) ■ Insulation Resistance……….100 Mega Ω Min. at 500VDC. Max. On/Off Switching: Electrical ............................... 30 Cycles per Minute. Mechanical ........................... 300 Cycles per Minute. Temperature Range.............. -25~55 °C Coil Temperature Rise .......... 40 °C Max. Vibration: Endurance ............................ 10 to 55 Hz dual amplitude width 1.5mm. Error Operation..................... 10 to 55 Hz dual amplitude width 1.5mm. Shock: Endurance .......................... 500 m/S 2. Error Operation..................... 100 m/S 2. Life Expectancy: Mechanical .......................... 10 7 Operations at No Load condition. Electrical ............................. 10 5 Operations at Rated Resistive Load. Weight .................................. About 3.5 g. Safety Standard & File Number UL & C-UL ............................ E141060 TÜV …..………….........……..R50192493 |
Numéro de pièce similaire - UA-DM |
|
Description similaire - UA-DM |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |