Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-MP Datasheet(Fiches technique) 2 Page - HuaXinAn Electronics CO.,LTD

Numéro de pièce SM-MP
Description  Miniature High Power Relay
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Site Internet  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SM-MP Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  SM-MP Datenblatt HTML 1Page - HuaXinAn Electronics CO.,LTD SM-MP Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD SM-MP Datenblatt HTML 3Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM - S - 1 12
D
M
P - F - XX
SM-P
2/4
VDE
40031353
16A 250VAC
10A 250VAC
UL
E190598
16A 250VAC, Resistive & G.P.
20A 277VAC, Resistive & G.P.
1HP, 480/240VAC
1/2HP, 120VAC
10 FLA/60 LRA, 240VAC
Pilot Duty: A300 360VA, 120 VAC
P-SM1P,16A 105? at5.0mm pinning
Outline Dimensions,Wiring Diagram,P.C.Board Layout(unit:mm)
Safety Approval Ratings
Ordering Information


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn