Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-MP Datasheet(Fiches technique) 1 Page - HuaXinAn Electronics CO.,LTD

Numéro de pièce SM-MP
Description  Miniature High Power Relay
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Site Internet  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SM-MP Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  SM-MP Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SM-MP Datenblatt HTML 2Page - HuaXinAn Electronics CO.,LTD SM-MP Datenblatt HTML 3Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM - P
16A 250VAC
20A
277VAC
4,000VA
1/4
version:V1.0
SANYOU RELAYS
Miniature High
Power Relay
16A high swithing capacity
Small size and 15.7mm high
10mm spacing,5KV dielectric between coil and contact
Withstand surge voltage of 10KV
Characteristic Data
Coil Data(
)
at 20℃
Norminal
Voltage
(VDC)
Norminal
operating
current
±10%(mA)
Coil
resistance
±10%( )
Ω
Max.
allowable
voltage
Pick-up
voltage
(Max.)
Drop-out
voltage
(Min.)
Nominal
operating
power
9
SM-P-Series
Compliance with IEC60335-1 GWIF850℃/GWIT775℃ CTI>=250V
Ambient temperature up to:-40℃~+105℃
Features
Safety Approval
Contact Capacity
-40℃~+105℃(no condensation)
0


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn