Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC19040008 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce MC19040008
Description  3mm Prominent or Recessed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MC19040008 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  MC19040008 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC19040008 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC19040008 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC19040008 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For enquiries from all other markets
LED Indicators
3mm Prominent or Recessed
Page <4>
21/04/08 V1.1
Notes:
International Sales Offices:
AUSTRALIA – Farnell
Tel No:
++61 1300 361 005
Fax No: ++61 1300 361 225
FRANCE – Farnell
Tel No:
++ 33 474 68 99 99
Fax No: ++ 33 474 68 99 90
NORWAY – Farnell
Tel No:
800 146 70
Fax No: 800 146 76
AUSTRIA – Farnell
Tel No:
++ 43 662 2180 680
Fax No: ++ 43 662 2180 670
GERMANY – Farnell
Tel No:
++ 49 89 61 39 39 39
Fax No: ++ 49 89 613 59 01
PORTUGAL – Farnell
Tel No:
++ 34 93 475 8804
Fax No: ++ 34 93 474 5288
RUSSIA – Farnell
Tel No:
++ 44 870 1200 208
Fax No: ++ 44 870 1200 209
ESTONIA – Farnell
Tel No:
++ 358 9 560 7780
Fax No: ++ 358 9 345 5411
NETHERLANDS – Farnell
Tel No:
++ 31 30 241 7373
Fax No: ++ 31 30 241 7333
UK – Farnell
Tel No:
++ 44 8701 200 200
Fax No: ++ 44 8701 200 201
SINGAPORE
Farnell-Newark
Tel No:
++ 65 6788 0200
Fax No: ++ 65 6788 0300
HONG KONG
Farnell-Newark
Tel No:
++ 852 2268 9888
Fax No: ++ 852 2268 9899
HUNGARY - Farnell
Tel No:
++ 44 870 1200 208
Fax No: ++ 44 870 1200 209
BELGIUM – Farnell
Tel No:
++ 32 3 475 2810
Fax No: ++ 32 3 227 3648
BRAZIL – Farnell-Newark
Tel No:
++ 55 11 4066 9400
Fax No: ++ 55 11 4066 9410
IRELAND – Farnell
Tel No:
++ 353 1 830 9277
Fax No: ++ 353 1 830 9016
INDIA - Farnell
Tel No:
++ 44 870 1200 208
Fax No: ++ 44 870 1200 209
ISRAEL – Farnell
Tel No:
++ 180 937 0015
Fax No: ++ 180 937 0014
SPAIN – Farnell
Tel No:
901 20 20 80
Fax No: 901 20 20 90
CHINA – Farnell-Newark
Tel No:
++86 10 6238 5152
Fax No: ++86 10 6238 5022
CZECH REPUBLIC - Farnell
Tel No:
++ 44 870 1200 208
Fax No: ++ 44 870 1200 209
ITALY – Farnell
Tel No:
++ 39 02 93 995 200
Fax No: ++ 39 02 93 995 300
SWEDEN – Farnell
Tel No:
++ 46 8 730 50 00
Fax No: ++ 46 8 83 52 62
MALAYSIA
Farnell-Newark
Tel No:
++ 60 3 7873 8000
Fax No: ++ 60 3 7873 7000
SWITZERLAND – Farnell
Tel No:
++ 44 204 64 64
Fax No: ++ 44 204 64 54
DENMARK – Farnell
Tel No:
++ 45 44 53 66 44
Fax No: ++ 45 44 53 66 06
UK CPC
++ 44 8701 202 530
++ 44 8701 202 531
USA
Newark
Tel No:
800 463 9275
NEW ZEALAND – Farnell
Tel No:
0800 90 80 80
Fax No: 0800 90 80 81
EXPORT – Farnell
Tel No:
++ 44 8701 200 208
Fax No: ++ 44 8701 200 209
export
FINLAND – Farnell
Tel No:
++ 358 9 560 7780
Fax No: ++ 358 9 345 5411
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC Multicomp is the registered trademark of the Group. © Premier Farnell plc 2008.
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk


Numéro de pièce similaire - MC19040008

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC1904 MOTOROLA-MC1904 Datasheet
665Kb / 9P
   INTEGRATED CIRCUITS
More results

Description similaire - MC19040008

FabricantNo de pièceFiches techniqueDescription
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
133Kb / 2P
   Enclosure, surface or recessed
logo
Schurter Inc.
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Chicago Miniature Lamp,...
1902X25X CML-1902X25X Datasheet
366Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
1902X35X CML-1902X35X Datasheet
365Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
1902X00X CML-1902X00X Datasheet
361Kb / 1P
   LED Indicator 6mm Prominent(Exterior) bezel
logo
Schurter Inc.
DF11 SCHURTER-DF11_18 Datasheet
536Kb / 6P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_V02 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
08.12.2021
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Lumins Inc.
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
   Wall recessed mount
logo
Chicago Miniature Lamp,...
1904X35X CML-1904X35X Datasheet
411Kb / 1P
   LED Indicator 8mm Prominent (Interior) Bezel
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com