Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC138DT Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC74AC138DT
Description  1?뭥f?? Decoder/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC138DT Fiches technique(HTML) 1 Page - ON Semiconductor

  MC74AC138DT Datasheet HTML 1Page - ON Semiconductor MC74AC138DT Datasheet HTML 2Page - ON Semiconductor MC74AC138DT Datasheet HTML 3Page - ON Semiconductor MC74AC138DT Datasheet HTML 4Page - ON Semiconductor MC74AC138DT Datasheet HTML 5Page - ON Semiconductor MC74AC138DT Datasheet HTML 6Page - ON Semiconductor MC74AC138DT Datasheet HTML 7Page - ON Semiconductor MC74AC138DT Datasheet HTML 8Page - ON Semiconductor MC74AC138DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 6
1
Publication Order Number:
MC74AC138/D
MC74AC138, MC74ACT138
1−of−8
Decoder/Demultiplexer
The MC74AC138/74ACT138 is a high−speed 1−of−8
decoder/demultiplexer. This device is ideally suited for high−speed
bipolar memory chip select address decoding.
The multiple input enables allow parallel expansion to a 1−of−24
decoder using just three MC74AC138/74ACT138 devices or a
1−of−32decoder using four MC74AC138/74ACT138 devices and one
inverter.
Demultiplexing Capability
Multiple Input Enable for Easy Expansion
Active LOW Mutually Exclusive Outputs
Outputs Source/Sink 24 mA
′ACT138 Has TTL Compatible Inputs
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
VCC
GND
A0
A1
A2
E1
E2
E3
15
16
14
13
12
11
10
2
1
3
4
567
9
8
O7
O0
O1
O2
O3
O4
O5
O6
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
Figure 2. Logic Symbol
A0 A1 A2
E1 E2 E3
O1 O2 O3 O4 O5 O6 O7
O0
PIN ASSIGNMENT
PIN
FUNCTION
A0−A2
Address Inputs
E1−E2
Enable Inputs
E3
Enable Input
O0−O7
Outputs
http://onsemi.com
DIP−16
N SUFFIX
CASE 648
1
16
SO−16
D SUFFIX
CASE 751B
1
16
Device
Package
Shipping
ORDERING INFORMATION
MC74AC138N
PDIP−16
25 Units/Rail
MC74AC138D
SOIC−16
48 Units/Rail
MC74AC138DR2
2500 Tape & Reel
TSSOP−16
DT SUFFIX
CASE 948F
MC74AC138DT
TSSOP−16
96 Units/Rail
MC74AC138DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
MC74ACT138N
PDIP−16
25 Units/Rail
MC74ACT138D
SOIC−16
48 Units/Rail
MC74ACT138DR2
2500 Tape & Reel
MC74ACT138DT
TSSOP−16
96 Units/Rail
MC74ACT138DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
1
16
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
MC74AC138M
EIAJ−16
MC74AC138MEL
EIAJ−16
2000 Tape & Reel
MC74ACT138M
EIAJ−16
MC74ACT138MEL
EIAJ−16
2000 Tape & Reel
50 Units/Rail
50 Units/Rail


Numéro de pièce similaire - MC74AC138DT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC138DT ONSEMI-MC74AC138DT Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DT ONSEMI-MC74AC138DT Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2 ONSEMI-MC74AC138DTR2 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2 ONSEMI-MC74AC138DTR2 Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74AC138DTR2G ONSEMI-MC74AC138DTR2G Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
More results

Description similaire - MC74AC138DT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
MC74AC138 ONSEMI-MC74AC138 Datasheet
189Kb / 11P
   1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 6
MC74HC138A ONSEMI-MC74HC138A_05 Datasheet
116Kb / 10P
   1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74HC139A ONSEMI-MC74HC139A_05 Datasheet
110Kb / 10P
   Dual 1?뭥f?? Decoder/ Demultiplexer
June, 2005 ??Rev. 9
MC74AC139 ONSEMI-MC74AC139_06 Datasheet
182Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC74AC139DG ONSEMI-MC74AC139DG Datasheet
176Kb / 11P
   Dual 1?뭥f?? Decoder/Demultiplexer
March, 2006 ??Rev. 7
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
   Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
74HC138 ONSEMI-74HC138 Datasheet
140Kb / 9P
   1?뭥f?? Decoder/ Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com