Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7752PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF7752PBF
Description  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7752PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF7752PBF Datasheet HTML 1Page - International Rectifier IRF7752PBF Datasheet HTML 2Page - International Rectifier IRF7752PBF Datasheet HTML 3Page - International Rectifier IRF7752PBF Datasheet HTML 4Page - International Rectifier IRF7752PBF Datasheet HTML 5Page - International Rectifier IRF7752PBF Datasheet HTML 6Page - International Rectifier IRF7752PBF Datasheet HTML 7Page - International Rectifier IRF7752PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
HEXFET® power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design , that Inter-
national Rectifier is well known for,
provides thedesigner
with an extremely efficient and reliable device for use
in battery and load management.
The TSSOP-8 package, has 45% less footprint area of the
standard SO-8. This makes the TSSOP-8 an ideal device
for applications where printed circuit board space is at a
premium.
The low profile (<1.1mm) of the TSSOP-8 will allow it to fit
easily into extremely thin application environments such
as portable electronics and PCMCIA cards.
IRF7752PbF
Description
l Ultra Low On-Resistance
l Dual N-Channel MOSFET
l Very Small SOIC Package
l Low Profile (< 1.1mm)
l Available in Tape & Reel
l Lead-Free
TSSOP-8
Parameter
Max.
Units
VDS
Drain- Source Voltage
30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
±4.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
±3.7
A
IDM
Pulsed Drain Current

±37
PD @TA = 25°C
Power Dissipation
1.0
PD @TA = 70°C
Power Dissipation
0.64
Linear Derating Factor
8.0
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
125
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
05/14/09
VDSS
RDS(on) max
ID
30V
0.030@VGS = 10V
4.6A
0.036@VGS = 4.5V
3.9A
#
"
!
Ã2Ã9
!Ã2ÃT
"Ã2ÃT
#Ã2ÃB
'Ã2Ã9!
&Ã2ÃT!
%Ã2ÃT!
$Ã2ÃB!
$
%
&
'
PD-96016A


Numéro de pièce similaire - IRF7752PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF7752GPBF IRF-IRF7752GPBF Datasheet
234Kb / 8P
   HEXFET짰 Power MOSFET
More results

Description similaire - IRF7752PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com