Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N012ME9S Fiches technique(PDF) 1 Page - Dielectric Laboratories, Inc.

No de pièce N012ME9S
Description  Frequency Stable over Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DILABS [Dielectric Laboratories, Inc.]
Site Internet  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

N012ME9S Fiches technique(HTML) 1 Page - Dielectric Laboratories, Inc.

  N012ME9S Datasheet HTML 1Page - Dielectric Laboratories, Inc. N012ME9S Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Description
Notch Frequency
1227 MHz
Passband
500-1000 MHz, 1500-2000 MHz
Insertion Loss (@ Passband)
1.5 dB
@ 25C
Return Loss
12 dB
500-1000 MHz, 1500-2000 MHz
Rejection
20 dB
1222-1233 MHz
Usable Temp Range
-55 to +125 degree C
*50 Ohm System
Mechanical
Footprint LxW
0.350 x 0.300
inch
[8.89 x 7.62]
mm
Height
0.103 [2.62]
Inch [mm]
1227 MHz Notch Filter
▪ L2 Band GPS
N012ME9S
L2 Band GPS Notch
Filter
▪ Fully Shielded Component
▪ Frequency Stable over Temperature
Electrical Specifications
Surface mount, fully shielded, thin film ceramic filter designed for use
on PCB 8-12 mils thick with permitivity of 3.0-3.8.
-40
-35
-30
-25
-20
-15
-10
-5
0
100
200
300
400
500
600
700
800
900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400 2500 2600 2700
Frequency in MHz
Typical Performance
1of2
N012ME9S
May 2014 Revision A


Numéro de pièce similaire - N012ME9S

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
N012 HEYCO-N012 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
More results

Description similaire - N012ME9S

FabricantNo de pièceFiches techniqueDescription
logo
Dielectric Laboratories...
B016MD6S DILABS-B016MD6S Datasheet
555Kb / 3P
   Frequency Stable over Temperature
B012MD5S DILABS-B012MD5S Datasheet
730Kb / 3P
   Frequency Stable over Temperature
B028RF2S DILABS-B028RF2S Datasheet
350Kb / 3P
   Frequency Stable over Temperature
B096QC2S DILABS-B096QC2S Datasheet
347Kb / 3P
   Frequency Stable over Temperature
B056RC4S DILABS-B056RC4S Datasheet
327Kb / 3P
   Frequency Stable over Temperature
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Anaren Microwave
XDL09-9-204 ANAREN-XDL09-9-204 Datasheet
117Kb / 3P
   Stable over Temperature
XDL20-7-115S ANAREN-XDL20-7-115S Datasheet
128Kb / 3P
   Stable over Temperature
logo
Analog Devices
HMC396 AD-HMC396 Datasheet
285Kb / 6P
   Stable Gain Over Temperature
HMC397 AD-HMC397 Datasheet
291Kb / 6P
   Stable Gain Over Temperature
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com