Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-100-50 Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce LA-100-50
Description  TYPE LA 5 through 150 Amperes
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LA-100-50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LA-100-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Ammeter Shunts
STD Accuracy 0.25%
Tolerances .015 for the hole diameters. Other tolerances .030 unless specified.
Dimensions subject to change without notice.
TYPE LA: 5 through 150 Amperes
Catalog
AMP
Number
LA-5-100
5
LA-10-100
10
LA-15-100
15
LA-20-100
20
LA-30-100
30
LA-50-100
50
LA-75-100
75
LA-80-100
80
LA-85-100
85
LA-100-100
100
LA-150-100
150
TYPE LA: 100 mV
Catalog
AMP
Number
LA-5-50
5
LA-10-50
10
LA-15-50
15
LA-20-50
20
LA-30-50
30
LA-50-50
50
LA-75-50
75
LA-80-50
80
LA-85-50
85
LA-100-50
100
LA-150-50
150
TYPE LA: 50 mV


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn