Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA-30-50 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce LA-30-50
Description  TYPE LA 5 through 150 Amperes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LA-30-50 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  LA-30-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Ammeter Shunts
STD Accuracy ± 0.25%
Tolerances ± .015 for the hole diameters. Other tolerances ± .030 unless specified.
Dimensions subject to change without notice.
TYPE LA: 5 through 150 Amperes
Catalog
AMP
Number
LA-5-100
5
LA-10-100
10
LA-15-100
15
LA-20-100
20
LA-30-100
30
LA-50-100
50
LA-75-100
75
LA-80-100
80
LA-85-100
85
LA-100-100
100
LA-150-100
150
TYPE LA: 100 mV
Catalog
AMP
Number
LA-5-50
5
LA-10-50
10
LA-15-50
15
LA-20-50
20
LA-30-50
30
LA-50-50
50
LA-75-50
75
LA-80-50
80
LA-85-50
85
LA-100-50
100
LA-150-50
150
TYPE LA: 50 mV


Numéro de pièce similaire - LA-30-50

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LA-30-50 ETC2-LA-30-50 Datasheet
117Kb / 1P
   DC Ammeter Shunts
More results

Description similaire - LA-30-50

FabricantNo de pièceFiches techniqueDescription
logo
LEM
LA-150-P LEM-LA-150-P Datasheet
336Kb / 4P
   Current Transducer LA 150-P
logo
List of Unclassifed Man...
LB-600-50 ETC2-LB-600-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
logo
LEM
LA150-P LEM-LA150-P Datasheet
26Kb / 2P
   Current Transducer LA 150-P
logo
STANLEY ELECTRIC CO.,LT...
PS3022 STANLEY-PS3022 Datasheet
172Kb / 10P
   Through-hole Phototransistor/?5 Type
PS5G04S STANLEY-PS5G04S Datasheet
185Kb / 10P
   Through-hole Phototransistor/5 Type
AN5306X STANLEY-AN5306X Datasheet
236Kb / 11P
   Through-hole IRED/5 Type
AN304 STANLEY-AN304 Datasheet
174Kb / 10P
   Through-hole IRED/?5 Type
logo
List of Unclassifed Man...
TYPE-LB ETC2-TYPE-LB Datasheet
109Kb / 1P
   170 through 600 Amperes
logo
PHOENIX CONTACT
2296854 PHOENIX-2296854 Datasheet
77Kb / 4P
   Feed-through terminal block - PLC-VT/LA
2800046 PHOENIX-2800046 Datasheet
135Kb / 12P
   Feed-through terminal block - UKK 5-MTK-P/P-LA 60RD/O-U
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com