Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD2LN60K3 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STD2LN60K3
Description  N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2LN60K3 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STD2LN60K3 Datasheet HTML 7Page - STMicroelectronics STD2LN60K3 Datasheet HTML 8Page - STMicroelectronics STD2LN60K3 Datasheet HTML 9Page - STMicroelectronics STD2LN60K3 Datasheet HTML 10Page - STMicroelectronics STD2LN60K3 Datasheet HTML 11Page - STMicroelectronics STD2LN60K3 Datasheet HTML 12Page - STMicroelectronics STD2LN60K3 Datasheet HTML 13Page - STMicroelectronics STD2LN60K3 Datasheet HTML 14Page - STMicroelectronics STD2LN60K3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STD2LN60K3, STF2LN60K3, STU2LN60K3
Package mechanical data
Doc ID 023500 Rev 1
11/20
Table 10.
DPAK (TO-252) mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2


Numéro de pièce similaire - STD2LN60K3

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
STD2LN60K3 VBSEMI-STD2LN60K3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Description similaire - STD2LN60K3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
STD1HN60K3 STMICROELECTRONICS-STD1HN60K3 Datasheet
1Mb / 19P
   N-channel 600 V, 6.7 廓 typ., 1.2 A SuperMESH3??Power MOSFET in DPAK and IPAK packages
April 2013 Rev 1
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STDLED602 STMICROELECTRONICS-STDLED602 Datasheet
1Mb / 19P
   N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
March 2013
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
   N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com